Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADHV4702-1BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADHV4702-1BCPZ-R7
Description  Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADHV4702-1BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADHV4702-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADHV4702-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADHV4702-1
Data Sheet
Rev. A | Page 16 of 21
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 45. Large Signal Pulse Response at Various TA with Two-Diode
Forward Voltages, Rising Edge, AV = 20, VS = ±110 V, VOUT = 200 V p-p,
RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 46. Large Signal Pulse Response at Various TA with Two-Diode
Forward Voltages, Falling Edge, AV = 20, VS = ±110 V, VOUT = 200 V p-p,
RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 47. Large Signal Pulse Response at Various TA with Two-Diode
Forward Voltages, Rising Edge, AV = 40, VS = ±110 V, VOUT = 200 V p-p,
RF = 100 kΩ, RLOAD = 10 kΩ, RADJ= 0 Ω
–150
–100
–50
0
50
100
150
TIME (2µs/DIV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
Figure 48. Large Signal Pulse Response at Various TA with Two-Diode
Forward Voltages, Falling Edge, AV = 40, VS = ±110 V, VOUT = 200 V p-p,
RF = 100 kΩ, RLOAD = 10 kΩ, RADJ = 0 Ω
DIGITAL GROUND (DGND)
DGND is the reference for all low voltage pins of the amplifier
(RADJ, TMP, and SD) and serves as a signal ground for
communication to a microprocessor or other low voltage logic
circuit. Connect DGND to a 0 V digital ground or analog
ground. Do not float DGND.
RESISTOR ADJUSTABLE QUIESCENT CURRENT
(RADJ)
To reduce further power consumption, the quiescent current of
the ADHV4702-1 can be adjusted by placing a resistor (RADJ)
between the RADJ pin and DGND.
To fully bias the amplifier, short the RADJ pin directly to
DGND to allow maximum dynamic performance. To bias the
amplifier with minimum quiescent power consumption, place a
100 kΩ resistor from RADJ to DGND. This resistor reduces
quiescent supply current to approximately 0.6 mA. Operating
the amplifier at a lower quiescent current has minimal effect on
dc performance but can result in an associated reduction in
dynamic performance, such as bandwidth and noise. Figure 49
and Figure 50 show the small signal frequency response and
noise performance at various RADJ values.
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RADJ = 0Ω
RADJ = 50kΩ
RADJ = 100kΩ
Figure 49. Small Signal Frequency Response at Various RADJ, TA = 25°C, AV = 1,
VS = ±110 V, VOUT = 100 mV p-p, RF = 0 Ω, RLOAD = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com