Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments OPA835 Datasheet HTML 19Page - Texas Instruments OPA835 Datasheet HTML 20Page - Texas Instruments OPA835 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
GND a nd p ower planes removed
und er the device pins in ord er to
minimize p arasitic ca pacita nce on
the sen sitive i nput an d o utp ut nod es.
C6 and C8 bypass capacitors
placed close to th e d evi ce
supply pins.
17
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The OPA2837EVM can be used as a reference when designing the circuit board. TI recommends following the
EVM layout of the external components near to the amplifier, ground plane construction, and power routing as
closely as possible. Follow these general guidelines:
1. Signal routing must be direct and as short as possible into and out of the op amp.
2. The feedback path must be short and direct avoiding vias if possible, especially with G = 1 V/V.
3. Ground or power planes must be removed from directly under the negative input and output pins of the
amplifier.
4. TI recommends placing a series output resistor as close to the output pin as possible.
5. A 2.2-µF power-supply decoupling capacitor must be placed within two inches of the device and can be
shared with other op amps. For split supply, a capacitor is required for both supplies.
6. A 0.1-µF power-supply decoupling capacitor must be placed as close to the supply pins as possible,
preferably within 0.1 inch. For split supply, a capacitor is required for both supplies.
11.2 Layout Examples
Figure 17. EVM Layout Top Layer
Figure 18. EVM Layout Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com