Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
+
±
RG
RF
-2.5 V
Load
VOUT
+2.5 V
½ OPA2834
VSIG
+
±
VIN
RO
CL
5 k
VOUT
½ O PA283 4
+
±
VIN
RF
5 k
VOUT
½ O PA283 4
CF
RG
9
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
As expected, larger value gain resistors cause lower bandwidth and peaking in the response (peaking in the
frequency response is synonymous with overshoot and ringing in the pulse response). Adding 1-pF capacitors in
parallel with RF helps compensate the phase margin and restores flat frequency response. Figure 4 shows the
test circuit.
Figure 4. G = 2 Test Circuit for Various Gain-Setting Resistor Values
8.3.4 Driving Capacitive Loads
The OPA2834 drives up to a nominal capacitive load of 10 pF on the output with no special consideration. When
driving capacitive loads greater than 10 pF, TI recommends using a small resistor (RO) in series with the output
as close to the device as possible. Without RO, output capacitance interacts with the output impedance of the
amplifier causing phase shift in the loop gain of the amplifier that reduces the phase margin. This reduction in the
phase margin causes peaking in the frequency response and overshoot and ringing in the pulse response.
Interaction with other parasitic elements can lead to instability or oscillation. Inserting RO isolates the phase shift
from the loop gain path and restores the phase margin; however RO can limit the bandwidth slightly. Figure 5
shows a diagram of driving capacitive loads.
Figure 5. Driving Capacitive Loads With the OPA2834
8.4 Device Functional Modes
8.4.1 Split-Supply Operation (±1.35 V to ±2.7 V)
To facilitate testing with common lab equipment, the OPA2834EVM (see the OPA2837DGK Evaluation Module
user guide) is built to allow split-supply operation. This configuration eases lab testing because the mid-point
between the power rails is ground, and most signal generators, network analyzers, oscilloscopes, spectrum
analyzers, and other lab equipment have inputs and outputs with a ground reference.
Figure 6 shows a simple noninverting configuration analogous to Figure 1 with a ±2.5-V supply and VREF equal to
ground. The input and output swing symmetrically around ground. For ease of use, split supplies are preferred in
systems where signals swing around ground.
Figure 6. Split-Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com