Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments OPA835 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Time (150 ns/div)
-0.5
-1.6
0
-1.2
0.5
-0.8
1
-0.4
1.5
0
2
0.4
2.5
0.8
3
1.2
3.5
1.6
4
2
D090
VIN
Ch-B Out
VSH
Error (%)
,
IN
D
S
G
D Max
V
V
V
R
I
14
OPA2834
SBOS973 – JUNE 2019
www.ti.com
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
The values of RF and RG depend on multiple factors. Using small resistors in the feedback network helps reduce
output noise and improve measurement accuracy. Small feedback resistors result in a larger power dissipation in
the amplifier output stage. In order to reduce this power dissipation, large-value resistors reduce the phase
margin and cause gain peaking; see Figure 3. Select the values of RF and RG from the recommended range of
values for this device. As given in Equation 4, care must be taken to use a gain resistor value large enough to
limit the current through the input ESD diodes to within 10 mA for a 10-V input transient with the amplifier
powered off a 5-V supply.
where
•
VIN is the input transient voltage
•
VD is the ESD diode forward voltage drop
•
ID is the current resulting from this input transient flowing through the ESD diode
(4)
A total gain of 20 V/V is required from the amplifier stage. An amplifier bandwidth of 5 MHz is needed to drive the
ADS7046 input. Because of this requirement, the two amplifier channels are configured in gains of 5 V/V and 4
V/V respectively. The ADC input common-mode voltage must be biased at mid-supply (that is, 1.8 V). The 0.45-V
reference input to the noninverting input of channel 1 sets its output common-mode voltage to 0.45 V. This
voltage is gained by 4 V/V with channel 2 to give a 1.8-V input common-mode voltage to the ADC. The two
channels of the OPA2834 together provide a signal gain of 20 V/V.
The ADS7046 samples at 1 MSPS with a 40-MHz clock to allow for a sufficient acquisition time for the driver
amplifier settling. The ADS7046, with this setting, exhibits an acquisition time of approximately 625 ns. The driver
amplifier must settle within this time period. Figure 13 shows the TINA simulation plots for channel 2 of the
OPA2834 driving the ADS7046. Here, VIN is the signal swing at the channel noninverting input, CH-B Out is the
signal at the ADC input, VSH is the voltage on the sample-and-hold capacitor internal to the ADC, and error % is
the percent error in VSH from its steady state value. VSH must settle within the acquisition time for the ADC to
digitize the analog-input signal with the required accuracy. The OPA2834 settles to 0.1% accuracy within 500 ns
with a worst-case, 3.6-V full-scale transient output. Using a slower clock with the same sampling rate causes the
ENOB to reduce. This reduction in ENOB is restored with a lower sampling frequency or use of wider bandwidth
amplifiers from the OPA83x family of products.
9.2.1.3 Application Curve
Figure 13. OPA2834 Settling Performance With the ADS7046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com