Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
F
SIG
REF
G
R
V
= V
+ V
OUT
R
æ
ö
-
ç
÷
è
ø
F
G
R
G = 1 +
R
æ
ö
ç
÷
è
ø
F
SIG
REF
G
R
V
= V
1 +
+ V
OUT
R
+
±
RF
½ O PA283 4
Sign al and bias to
next sta ge
2.5 V
GVSIG
2.5 V
VSIG
5 V
RO
VOUT
Sign al and bias from
previou s stag e
RG
5 V
12
OPA2834
SBOS973 – JUNE 2019
www.ti.com
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 11. Inverting Single Supply With Resistors
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Noninverting Amplifier
The OPA2834 can be used as a noninverting amplifier with a signal input to the noninverting input, VIN+.. Figure 1
shows a basic block diagram of the circuit.
The amplifier output can be calculated according to Equation 1 if VIN = VREF + VSIG.
(1)
The signal gain of the circuit is set by
, and VREF provides a reference around which the input and
output signals swing. Output signals are in-phase with the input signals.
The OPA2834 is designed for the nominal value of RF to be 3.6 kΩ in gains other than +1. This value gives
excellent distortion performance, maximum bandwidth, best flatness, and best pulse response. RF = 3.6 kΩ must
be used as a default unless other design goals require changing to other values. All test circuits used to collect
data for this document have RF = 3.6 kΩ for all gains other than +1. A gain of +1 is a special case where RF is
shorted and RG is left open.
9.1.2 Inverting Amplifier
The OPA2834 can be used as an inverting amplifier with a signal input to the inverting input, VIN–, through the
gain-setting resistor RG. Figure 2 shows a basic block diagram of the circuit.
The output of the amplifier can be calculated according to Equation 2 if VIN = VREF + VSIG.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com