Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
-
RG
+
±
VIN
VREF
RF
½ OPA2834
VS-
VOUT
VREF
GVSIG
VREF
VSIG
VS+
7
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPA2834 bipolar-input operational amplifier offers excellent bandwidth of 50 MHz with ultra-low THD of
0.00002% at 1 kHz. The device can swing to within 100 mV of the supply rails while driving a 5-kΩ load. The
input common-mode of the amplifier can swing to 200 mV below the negative supply rail. This level of
performance is achieved at 170 µA of quiescent current per amplifier channel.
8.2 Functional Block Diagrams
Figure 1. Noninverting Amplifier
Figure 2. Inverting Amplifier
8.3 Feature Description
8.3.1 Input Common-Mode Voltage Range
When the primary design goal is a linear amplifier circuit with high CMRR, do not violate the input common-mode
voltage range (VICR) of the op amp. The typical specifications are 0.2 V below the negative rail and 1.1 V below
the positive rail. The limits cover all process variations, and most devices are better than specified.
Assuming the op amp is in linear operation, the voltage difference between the input pins is small (ideally 0 V);
and the input common-mode voltage is analyzed at either input pin with the other input pin assumed to be at the
same potential. The voltage at VIN+ is simple to evaluate. In a noninverting configuration, as shown in Figure 1,
the input signal, VIN, must not violate the VICR. In an inverting configuration, as shown in Figure 2, the reference
voltage, VREF, must be within the VICR.
The input voltage limits have fixed headroom to the power rails and track the power-supply voltages. For a 5-V
supply, the linear input voltage ranges from –0.2 V to 3.9 V and –0.2 V to 1.6 V for a 2.7-V supply. The delta
headroom from each power-supply rail is the same in either case: –0.2 V and 1.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com