Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments OPA835 Datasheet HTML 16Page - Texas Instruments OPA835 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
2
1
F
OUT
G
R
V
V
V
R
§
·
¨
¸
©
¹
+
±
OPA2834-1
3.6 k
Ÿ
0.45V
720
Ÿ
720
Ÿ
10 m
Ÿ
LOA D
3.6 k
Ÿ
5 V
18APP
VTH
ADS704 6
+
±
Sho rt-
Circuit Fault
Detection
+
±
OPA2834-2
5 V
2.7 k
Ÿ
900
Ÿ
3.6 V
TL V3201
-
F
G
R
G =
R
13
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
The signal gain of the circuit is given by
and VREF provides a reference point around which the input
and output signals swing. Output signals are 180
˚ out-of-phase with the input signals. The nominal value of RF
must be 3.6 kΩ for inverting gains.
9.2 Typical Applications
9.2.1 Low-Side Current Sensing
Power stages use current feedback for phase current control and regulation. One of the commonly used methods
for this current measurement is low-side current shunt monitoring. Figure 12 shows a representative schematic of
such a system. The use of the OPA2834 is described in this section for a low-side current-shunt monitoring
application.
Figure 12. Low-Side Current Sensing
9.2.1.1 Design Requirements
The OPA2834 is used in a gain of 20 V/V while also driving the input of the ADS7046 when sampling at 1 MSPS.
A comparator is connected to the ADC input for short-circuit fault detection. This design example is illustrated for
the following specifications:
•
Switching frequency: 50 kHz
•
Shunt resistance: 10 mΩ
•
Load current: 18 APP
•
Output voltage: 3.6 VPP
•
Amplifier supply voltage: 5 V
9.2.1.2 Detailed Design Procedure
One of the channels of the OPA2834 is connected to the shunt resistor in Figure 12 in a 5-V/V difference
amplifier configuration. Equation 3 gives the gain of this circuit.
where
•
RF and RG are the feedback and gain resistors for channel A of the OPA2834
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com