Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Frequency (Hz)
-9
-6
-3
0
3
6
9
12
15
18
21
24
10k
100k
1M
10M
100M
Gain
RF = 1 k:
RF = 2 k:
RF = 3.6 k:
RF = 5 k:
RF = 10 k:
RF = 100 k:
8
OPA2834
SBOS973 – JUNE 2019
www.ti.com
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Output Voltage Range
The OPA2834 is a rail-to-rail output (RRO) op amp. Rail-to-rail output typically means that the output voltage
swings within a couple hundred millivolts of the supply rails. There are different ways to specify this: one is with
the output still in linear operation and another is with the output saturated. Saturated output voltages are closer to
the power-supply rails than linear outputs, but the signal is not a linear representation of the input. Linear output
is a better representation of how well a device performs when used as a linear amplifier. Saturation and linear
operation limits are affected by the output current, where higher currents lead to more loss in the output
transistors.
The specification tables list the saturated output voltage specifications with a 5-kΩ load. Given a light load, the
output voltage limits have nearly constant headroom to the power rails and track the power-supply voltages. For
example, with a 5-kΩ load and a single 5-V supply, the saturation output voltage ranges from 0.1 V to 4.9 V and
ranges from 0.1 V to 2.6 V for a 2.7-V supply. The delta from each power-supply rail is the same in either case:
0.1 V and 0.1 V.
With a device such as the OPA2834 where the input range is lower than the output range, typically the input
limits the available signal swing only in a noninverting gain of 1. Signal swing in noninverting configurations in
gains greater than +1 and inverting configurations in any gain is typically limited by the output voltage limits of
the op amp.
8.3.3 Low-Power Applications and the Effects of Resistor Values on Bandwidth
The OPA2834 is designed for the nominal value of RF to be 3.6 kΩ in gains other than +1. This setting gives
excellent distortion performance, maximum bandwidth, best flatness, and best pulse response. This feedback
resistor also loads the amplifier. For example, in a gain of 2 with RF = RG = 3.6 kΩ, RG to ground, and VOUT = 4
V, 555 µA of current flows through the feedback path to ground. In a gain of +1, RG is open and no current flows
to ground. In low-power applications, reduce the current in the feedback path by increasing the gain-setting
resistors values. Using larger value gain resistors has two primary side effects (other than lower power) because
of their interaction with parasitic circuit capacitance:
•
Lowers the bandwidth
•
Lowers the phase margin
–
Causes peaking in the frequency response
–
Causes overshoot and ringing in the pulse response
Figure 3 shows the small-signal frequency response for a noninverting gain of 2 with RF and RG equal to 2 kΩ,
3.6 kΩ, 5 kΩ, 10 kΩ, and 100 kΩ. The test was done with RL = 5 kΩ. Because of the loading effects of RL, lower
RL values can reduce the peaking, but higher values do not have a significant effect.
Figure 3. Frequency Response With Various Gain-Setting Resistor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com