Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 2 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
OPA2834
SBOS973 – JUNE 2019
www.ti.com
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: 5 V ................................... 5
7.6
Electrical Characteristics: 3 V ................................... 6
8
Detailed Description .............................................. 7
8.1
Overview ................................................................... 7
8.2
Functional Block Diagrams ....................................... 7
8.3
Feature Description................................................... 7
8.4
Device Functional Modes.......................................... 9
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Applications ................................................ 13
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Examples................................................... 17
12
Device and Documentation Support ................. 18
12.1
Documentation Support ........................................ 18
12.2
Receiving Notification of Documentation Updates 18
12.3
Community Resources.......................................... 18
12.4
Trademarks ........................................................... 18
12.5
Electrostatic Discharge Caution ............................ 18
12.6
Glossary ................................................................ 18
13
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
June 2019
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com