Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 1 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
+
±
OPA2834-1
RF
VREF
RG
RG
RSH
LOA D
RF
VS
VTH
ADS704 6
+
±
Sho rt-
Circuit Fault
Detection
+
±
OPA2834-2
VS
RF
¶¶
RG
¶¶
GND
VS
TL V3201
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
FFT_
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
OPA2834
SBOS973 – JUNE 2019
OPA2834 50-MHz, 170-µA, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
1
1 Features
1
•
Ultra-low power:
–
Supply voltage: 2.7 V to 5.4 V
–
Quiescent current: 170 µA/ch (typical)
•
Bandwidth: 50 MHz (G = 1 V/V)
•
Slew rate: 26 V/µs
•
HD2, HD3: –131 dBc, –146 dBc at 10 kHz (2 VPP)
•
Input voltage noise: 12 nV/
√Hz (f = 10 kHz)
•
Input offset voltage: 350 µV (±1.5 mV, maximum)
•
Negative rail input, rail-to-rail output (RRO)
–
Input voltage range: –0.2 V to 3.9 V
(5-V supply)
•
Operating temperature range:
–40°C to +125°C
2 Applications
•
Current sensing in power supplies
•
Low-power signal conditioning
•
Vibration monitoring
•
Field transmitters
•
Wireless microphones
•
Low-power SAR and ΔΣ ADC driver
•
Ultrasonic flow meters
3 Description
The OPA2834 is a dual-channel, ultra-low-power, rail-
to-rail output, negative-rail input, voltage-feedback
(VFB) operational amplifier designed to operate over
a power-supply range of 2.7 V to 5.4 V with a single
supply, or ±1.35 V to ±2.7 V with a dual supply.
Consuming only 170 µA per channel and with a unity-
gain bandwidth of 50 MHz, this amplifier sets an
industry-leading performance-to-power ratio for rail-
to-rail amplifiers.
For battery-powered, portable applications where
power
is
of
key
importance,
the
low
power
consumption, wide bandwidth, and ultra-low distortion
performance of the OPA2834 offers performance
versus power that is not attainable in other devices.
See the Device Comparison Table for a selection of
low-power, low-noise, 5-V amplifiers from Texas
Instruments with a gain-bandwidth product from
20 MHz to 300 MHz.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2834
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1-kHz FFT Plot; VOUT = 1 VRMS, RL = 100 kΩ, G = 1
Low-Side Current-Shunt Monitoring Application


Similar Part No. - OPA835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 49P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835 Datasheet
1Mb / 57P
OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835 Datasheet
3Mb / 56P
OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
SEPTEMBER 2024
More results

Similar Description - OPA835

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
170 關A, 2 MHz Rail-to-Rail Op Amp
2008
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI-OPA836_15 Datasheet
1Mb / 57P
OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com