Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
+
±
RF
½ O PA283 4
Sign al and bias to
next sta ge
2.5 V
GVSIG
2.5 V
VSIG
5 V
RO
VOUT
R1
Sign al and bias from
previou s stag e
RG
C
2.5 V
REF
5 V
+
±
RG
RF
Load
VOUT
5 V
½ OPA2834
VSIG
+
2.5 V
10
OPA2834
SBOS973 – JUNE 2019
www.ti.com
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2 Single-Supply Operation (2.7 V to 5.4 V)
Often, newer systems use a single power supply to improve efficiency and reduce the cost of the power supply.
The OPA2834 is designed for use with single-supply power operation and can be used with single-supply power
with no change in performance from split supply, as long as the input and output are biased within the linear
operation of the device.
To change the circuit from split-supply to single-supply, level shift all voltages by half the difference between the
power-supply rails. For example, Figure 7 shows changing from a ±2.5-V split supply to a 5-V single-supply.
Figure 7. Single-Supply Concept
A practical circuit has an amplifier or some other circuit providing the bias voltage for the input, and the output of
this amplifier stage provides the bias for the next stage.
Figure 8 shows a typical noninverting amplifier circuit. With a 5-V single-supply, a mid-supply reference generator
is needed to bias the negative side through RG. To cancel the voltage offset that is otherwise caused by the input
bias currents, R1 is selected to be equal to RF in parallel with RG. For example, if a gain of 2 is required and RF =
3.6 kΩ, select RG = 3.6 kΩ to set the gain, and R1 = 1.8 kΩ for bias current cancellation. The value for C is
dependent on the reference, and TI recommends a value of at least 0.1 µF to limit noise.
Figure 8. Noninverting Single Supply With Reference
Figure 9 illustrates a similar noninverting single-supply scenario with the reference generator replaced by the
Thevenin equivalent using resistors and the positive supply. RG’ and RG” form a resistor divider from the 5-V
supply and are used to bias the negative side with the parallel sum equal to the equivalent RG to set the gain. To
cancel the voltage offset that is otherwise caused by the input bias currents, R1 is selected to be equal to RF in
parallel with RG’ in parallel with RG” (R1= RF || RG’ || RG”). For example, if a gain of 2 is required and RF = 3.6 kΩ,
selecting RG’ = RG” = 7.2 kΩ gives an equivalent parallel sum of 3.6 kΩ, sets the gain to 2, and references the
input to mid supply (2.5 V). R1 is set to 1.8 kΩ for bias current cancellation. The resistor divider costs less than
the 2.5-V reference in Figure 9 but can increase the current from the 5-V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com