Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 3 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VS+
VS-
1
2
3
4
5
6
7
8
VIN1-
VIN1+
VIN2-
VIN2+
VOUT1
VOUT2
A
B
3
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
CHANNELS
Av = +1 BANDWIDTH
(MHz)
5-V IQ
(mA, Typ 25°C)
INPUT NOISE
VOLTAGE
(nV/
√Hz)
2-VPP THD
(dBc, 100 kHz)
RAIL-TO-RAIL
INPUT/OUTPUT
DUALS
OPA2834
2
50
0.17
12
–95
VS–, output
—
OPA835
1
56
0.25
9.4
–104
VS–, output
OPA2835
OPA836
1
205
1.0
4.6
–118
VS–, output
OPA2836
OPA837
1
105
0.6
4.7
–118
VS–, output
OPA2837
OPA838
1
—
0.96
1.9
–110
VS–, output
—
(1)
I = input, O = output, and P = power.
6 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
FUNCTION(1)
DESCRIPTION
NO.
NAME
1
VOUT1
O
Amplifier 1 output pin
2
VIN1–
I
Amplifier 1 inverting input pin
3
VIN1+
I
Amplifier 1 noninverting input pin
4
VS–
P
Negative power-supply pin
5
VIN2+
I
Amplifier 2 noninverting input pin
6
VIN2–
I
Amplifier 2 inverting input pin
7
VOUT2
O
Amplifier 2 output pin
8
VS+
P
Positive power-supply input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com