Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 5 Page - Texas Instruments

  OPA835 Datasheet HTML 1Page - Texas Instruments OPA835 Datasheet HTML 2Page - Texas Instruments OPA835 Datasheet HTML 3Page - Texas Instruments OPA835 Datasheet HTML 4Page - Texas Instruments OPA835 Datasheet HTML 5Page - Texas Instruments OPA835 Datasheet HTML 6Page - Texas Instruments OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Based on electrical characterization of 32 devices. Minimum and maximum values are not specified by final automated test equipment
(ATE) nor by QA sample testing. Typical specifications are ±1 sigma.
7.5 Electrical Characteristics: 5 V
at VS = 5 V, RF = 0 Ω, CL = 4 pF, RL = 5 kΩ referenced to mid-supply, G = 1 V/V, input and output VCM = mid-supply, and TA ≈
25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1, < 1 dB peaking
50
MHz
VOUT = 20 mVPP, G = 2, RF = 3.65 kΩ
20
GBWP
Gain-bandwidth product
20
MHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
6
MHz
Bandwidth for 0.1-dB flatness
VOUT = 20 mVPP, G = 2, RF = 3.65 kΩ
6
MHz
SR
Slew rate
VOUT = 2–V step, 20% to 80%
26
V/µs
tR, tF
Rise, fall time
VOUT = 200–mV step, input tR = 1 ns
16
ns
Settling time to 0.1%
VOUT = 2–V step, input tR = 50 ns
88
ns
Settling time to 0.01%
VOUT = 2–V step, input tR = 50 ns
110
ns
Over/Under Shoot
VOUT = 2–V step, input tR = 50 ns
0.45
%
Overdrive recovery time
G = 2, 2x output overdrive
200
ns
HD2
Second-order harmonic distortion
f = 10 kHz, VOUT = 2 VPP
–131
dBc
HD3
Third-order harmonic distortion
f = 10 kHz, VOUT = 2 VPP
–146
dBc
eN
Input voltage noise
f > 10 kHz
12
nV/
√Hz
Voltage noise 1/f corner frequency
150
Hz
iN
Input current noise
f > 10 kHz
0.2
pA/
√Hz
Current noise 1/f corner frequency
900
Hz
zO
Closed-loop output impedance
f = 100 kHz
0.15
Ω
Channel-to-channel crosstalk
f = 100 kHz, VOUT = 2 VPP
–115
dBc
DC PERFORMANCE
AOL
Open-loop voltage gain
VOUT = ±1 V
107
124
dB
VOS
Input-referred offset voltage
0.35
1.5
mV
Input offset voltage drift(1)
TA = –40°C to +125°C
1.5
uV/°C
Input bias current
50
90
nA
Input offset current
8
30
nA
INPUT
Common-mode input range
VS-–0.2
VS+–1.1
V
CMRR
Common-mode rejection ratio
VCM = VS- to VS+-1.1 V, TA = 25°C
90
105
dB
Input impedance common-mode
1050 ||
1.1
MΩ || pF
Input impedance differential mode
1 || 0.2
MΩ || pF
OUTPUT
VOL
Output voltage, low
VS-+0.05
VS-+0.1
V
VOH
Output voltage, high
VS+–0.1 VS+–0.03
V
Linear output drive (sourcing/sinking)
VOUT = ±1 V, ΔVIO < 1 mV
16
28
mA
Closed-loop output impedance
G = 1, IOUT = ±5 mA DC
1.1
mΩ
POWER SUPPLY
IQ
Quiescent current per amplifier
170
210
uA
PSRR
Power-supply rejection ratio
ΔVS = 0.3 V
90
105
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com