Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA835 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835
Description  50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA835 Datasheet HTML 7Page - Texas Instruments OPA835 Datasheet HTML 8Page - Texas Instruments OPA835 Datasheet HTML 9Page - Texas Instruments OPA835 Datasheet HTML 10Page - Texas Instruments OPA835 Datasheet HTML 11Page - Texas Instruments OPA835 Datasheet HTML 12Page - Texas Instruments OPA835 Datasheet HTML 13Page - Texas Instruments OPA835 Datasheet HTML 14Page - Texas Instruments OPA835 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
+
±
RF
½ OPA2834
Signal and bias to
next stage
2.5 V
GVSIG
2.5 V
VSIG
5 V
RO
VOUT
Signal and bias from
previous stage
RG
C
2.5 V
REF
5 V
R1
RG
+
±
5 V
RF
½ O PA283 4
Sign al and bias to
next sta ge
2.5 V
GVSIG
2.5 V
VSIG
5 V
RO
VOUT
R1
RG
´
Sign al and bias from
previou s stag e
11
OPA2834
www.ti.com
SBOS973 – JUNE 2019
Product Folder Links: OPA2834
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 9. Noninverting Single Supply With Resistors
Figure 10 shows a typical inverting-amplifier circuit. With a 5-V single-supply, a mid-supply reference generator is
needed to bias the positive side through R1. To cancel the voltage offset that is otherwise caused by the input
bias currents, R1 is selected to be equal to RF in parallel with RG. For example, if a gain of –2 is required and RF
= 3.6 kΩ, select RG = 1.8 kΩ to set the gain and R1 = 1.2 kΩ for bias current cancellation. The value for C is
dependent on the reference, but TI recommends a value of at least 0.1 µF to limit noise into the op amp.
Figure 10. Inverting Single Supply With Reference
Figure 11 illustrates a similar inverting single-supply scenario with the reference generator replaced by the
Thevenin equivalent using resistors and the positive supply. R1 and R2 form a resistor divider from the 5-V supply
and are used to bias the positive side. To cancel the voltage offset that is otherwise caused by the input bias
currents, set the parallel sum of R1 and R2 equal to the parallel sum of RF and RG. C must be added to limit the
coupling of noise into the positive input. For example, if a gain of –2 is required and RF = 3.6 kΩ, select RG =
1.8 kΩ to set the gain. R1 = R2 = 2.4 kΩ for the mid-supply voltage bias and for op-amp input-bias current
cancellation. A good value for C is 0.1 µF. The resistor divider costs less than the 2.5-V reference in Figure 11
but can increase the current from the 5-V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com