Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
126
Freescale Semiconductor
Preliminary
6.5.10
I/O Short Address Location Register (SIM_ISALH and SIM_ISALL)
The I/O Short Address Location registers are used to specify the memory referenced via the I/O short
address mode. The I/O short address mode allows the instruction to specify the lower six bits of address;
the upper address bits are not directly controllable. This register set allows limited control of the full
address, as shown in Figure 6-14.
Note:
If this register is set to something other than the top of memory (EOnCE register space) and the EX bit
in the OMR is set to 1, the JTAG port cannot access the on-chip EOnCE registers, and debug functions
will be affected.
Figure 6-14 I/O Short Address Determination
With this register set, an interrupt driver can set the SIM_ISALL register pair to point to its peripheral
registers and then use the I/O Short addressing mode to reference them. The ISR should restore this register
to its previous contents prior to returning from interrupt.
Note:
The default value of this register set points to the EOnCE registers.
Note:
The pipeline delay between setting this register set and using short I/O addressing with the new value
is three cycles.
Figure 6-15 I/O Short Address Location High Register (SIM_ISALH)
6.5.10.1
Input/Output Short Address Low (ISAL[23:22])—Bit 1–0
This field represents the upper two address bits of the “hard coded” I/O short address.
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
1
1
1
1
ISAL[23:22]
Write
RESET
11111
1
1
1
1
1
1
1
1
1
1
1
Instruction Portion
“Hard Coded” Address Portion
6 Bits from I/O Short Address Mode Instruction
16 Bits from SIM_ISALL Register
2 bits from SIM_ISALH Register
Full 24-Bit for Short I/O Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com