Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
128
Freescale Semiconductor
Preliminary
6.7 Power Down Modes Overview
The 56F8367/56F8167 operate in one of three power-down modes as shown in Table 6-3
.
All peripherals, except the COP/watchdog timer, run off the IPBus clock frequency, which is the same as
the main processor frequency in this architecture. The maximum frequency of operation is
SYS_CLK = 60MHz.
Refer to the PCE register in Part 6.5.9 and ADC power modes. Power is a function of the system
frequency which can be controlled through the OCCS.
6.8 Stop and Wait Mode Disable Function
Figure 6-17 Stop Disable Circuit
Table 6-4 Clock Operation in Power Down Modes
Mode
Core Clocks
Peripheral Clocks
Description
Run
Active
Active
Device is fully functional
Wait
Core and memory
clocks disabled
Active
Peripherals are active and can produce interrupts if they
have not been masked off.
Interrupts will cause the core to come out of its
suspended state and resume normal operation.
Typically used for power-conscious applications.
Stop
System clocks continue to be generated in
the SIM, but most are gated prior to
reaching memory, core and peripherals.
The only possible recoveries from Stop mode are:
1. CAN traffic (1st message will be lost)
2. Non-clocked interrupts
3. COP reset
4. External reset
5. Power-on reset
D-FLOP
DQ
C
D-FLOP
D
Q
C
R
56800E
STOP_DIS
Permanent
Disable
Reprogrammable
Disable
Clock
Select
Reset
Note: Wait disable circuit is similar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com