Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
SSD1963
Rev 1.1
P 13/93
Jan 2010
Solomon Systech
6
PIN DESCRIPTIONS
Key:
I = Input
O =Output
IO = Bi-directional (input/output)
P = Power pin
Hi-Z = High impedance
Table 6-1: MCU Interface Pin Mapping
Pin Name
Type
Reference
Voltage
Level
TFBGA
Pin #
LQFP
Pin #
Description
CLK
I
VDDIO
F9
15
TTL clock input. This pin should be tied to VSS if
TTL clock input is not used
XTAL_IN
I
-
C9
22
Crystal oscillator input. This pin should be tied to
VSS if not used
XTAL_OUT
O
-
B9
24
Crystal oscillator output. This pin should be floating
if not used
CS#
I
VDDIO
H7
123
Chip select
D/C#
I
VDDIO
G7
122
Data/Command select
E(RD#)
I
VDDIO
F7
121
6800 mode: E (enable signal)
8080 mode: RD# (read strobe signal)
R/W#(WR#)
I
VDDIO
E7
120
6800 mode: R/W#
0: Write cycle
1: Read cycle
8080 mode: WR# (write strobe signal)
D[23:0]
IO
VDDIO
E8, F4, F8,
G1, G2, G3,
G4, G5, G6,
G8, G9, H1,
H2, H3, H4,
H5, H6, H9,
J1, J2,J3, J4,
J5, J6
7, 8, 9, 10,
11, 87, 88,
89, 90, 91,
92, 98, 99,
103, 104,
105, 106,
107, 111,
112, 113,
114, 115, 116
Data bus. Pins not used should be floating
TE
O
VDDLCD
A5
50
Tearing effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com