Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
Solomon Systech
Jan 2010
P 30/93
Rev 1.1
SSD1963
9.16 set_column_address
Command
0x2A
Parameters
4
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
0
1
0
2A
Parameter 1
1
SC15
SC14
SC13
SC12
SC11
SC10
SC9
SC8
xx
Parameter 2
1
SC7
SC6
SC5
SC4
SC3
SC2
SC1
SC0
xx
Parameter 3
1
EC15
EC14
EC13
EC12
EC11
EC10
EC9
EC8
xx
Parameter 4
1
EC7
EC6
EC5
EC4
EC3
EC2
EC1
EC0
xx
Description
Set the column address of frame buffer accessed by the host processor with the read_memory_continue (0x3E) and
write_memorty_continue (0x3C)..
SC[15:8] : Start column number high byte (POR = 00000000)
SC[7:0] : Start column number low byte (POR = 00000000)
EC[15:8] : End column number high byte (POR = 00000000)
EC[7:0] : End column number low byte (POR = 00000000)
Note : SC[15:0] must always be equal to or less than EC[15:0]
Figure 9-3: Set Column Address example
9.17 set_page_address
Command
0x2B
Parameters
4
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
0
0
1
2B
Parameter 1
1
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
xx
Parameter 2
1
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
xx
Parameter 3
1
EP15
EP14
EP13
EP12
EP11
EP10
EP9
EP8
xx
Parameter 4
1
EP7
EP6
EP5
EP4
EP3
EP2
EP1
EP0
xx
Description
Set the page address of the frame buffer accessed by the host processor with the read_memory_start (0x2C),
write_memory_start (0x2E), read_memory_continue (0x3E) and write_memory_continue (0x3C)..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com