Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 67Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 68Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 69Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 70Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 71Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 72Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 73Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 74Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
SSD1963
Rev 1.1
P 71/93
Jan 2010
Solomon Systech
The hardware pin, PWM is the output signal from SSD1963 to the system backlight driver. So it should configure PWM
module before enable DBC.
WRITE COMMAND “0xBE”
WRITE DATA “0x0E”
(set PWM frequency)
WRITE DATA “0xFF”
(dummy value if DBC is used)
WRITE DATA “0x09”
(enable PWM controlled by DBC)
WRITE DATA “0xFF”
WRITE DATA “0x00”
WRITE DATA “0x00”
WRITE COMMAND “0xD4”
(Define the threshold value)
WRITE DATA …..
WRITE COMMAND “0xD0”
WRITE DATA “0x0D”
(Enable DBC with Aggressive mode)
9.64 get_dbc_conf
Command
0xD1
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
0
1
0
0
0
1
D1
Parameter 1
1
0
A6
A5
0
A3
A2
1
A0
xx
Description
Get the current dynamic back light configuration.
A[6] : DBC Manual Brightness enable (POR = 1)
0
Enable
1
Disable
A[5] : Transition effect (POR = 0)
0
Transition effect disable
1
Transition effect enable
A[3:2] : Energy saving selection for DBC (POR = 00)
00
DBC is disable
01
Conservative mode
10
Normal mode
11
Aggressive mode
A[0] : Master enable DBC (POR = 0)
0
DBC disable
1
DBC enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com