Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
Solomon Systech
Jan 2010
P 24/93
Rev 1.1
SSD1963
9
COMMAND DESCRIPTIONS
9.1
nop
Command
0x00
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
0
0
0
0
0
00
Description
No operation.
9.2
soft_reset
Command
0x01
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
0
0
0
0
1
01
Description
The SSD1963 performs a software reset. All the configuration register will be reset except command 0xE0 to 0xE5.
Note :
The host processor must wait 5ms before sending any new commands to a SSD1963 following this command.
9.3
get_power_mode
Command
0x0A
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
0
1
0
1
0
0A
Parameter 1
1
0
A6
A5
A4
A3
A2
0
0
xx
Description
Get the current power mode
A[6] : Idle mode on/off (POR = 0)
0
Idle mode off
1
Idle mode on
A[5] : Partial mode on/off (POR = 0)
0
Partial mode off
1
Partial mode on
A[4] : Sleep mode on/off (POR = 0)
0
Sleep mode on
1
Sleep mode off
A[3] : Display normal mode on/off (POR = 1)
0
Display normal mode off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com