Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Solomon Systech
Jan 2010
P 18/93
Rev 1.1
SSD1963
Figure 7-1: Relationship between Tearing Effect Signal and MCU Memory Writing
In SSD1963, users can configure the TE signal to reflect the vertical non-display period only or reflect both
vertical and horizontal non-display period. With the additional horizontal non-display period information, the
MCU can control the refresh action in more accurately by counting the horizontal line scanned by the LCD
controller. Usually, a fast MCU will not need horizontal non-display period. But a slow MCU will need it to
ensure the frame buffer update process always lags behind the LCD controller.
7.2
System Clock Generation
The system clock of SSD1963 is generated by the built-in PLL. The reference clock of the PLL can come
from either the CLK pin or the external crystal oscillator. Since the CLK pin and the output of the oscillator
was connected to PLL with an “OR” gate, the unused clock must be tied to VSS.
Before the PLL output is configured as the system clock by the bit 1 of “set_pll” command 0xE0, the system
will be clocked by the reference clock. This enables the user to send the “set_pll_mn” command 0xE2 to the
PLL for frequency configuration. When the PLL frequency is configured and the PLL was enabled with the
bit 0 of “set_pll” command 0xE0, the user should still wait for 100ms for the PLL to lock. Then the PLL is
ready and can be configured as system clock with the bit 1 of “set_pll” command 0xE0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com