Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Solomon Systech
Jan 2010
P 32/93
Rev 1.1
SSD1963
9.19 read_memory_start
Command
0x2E
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
1
1
1
0
2E
Description
Transfer image data from the SSD1963 to the host processor interface starting at the location provided by
set_column_address (0x2A) and set_page_address (0x2B).
If set_address_mode A[5] = 0:
The column and page address are reset to the Start Column (SC) and Start Page (SP), respectively.
Pixels Data 1 are read from frame buffer at (SC, SP). The column address is then incremented and pixels read from the
frame buffer until the column address equals the End Column (EC) value. The column address is then reset to SC and the
page address is incremented. Pixels are read from the frame buffer until the page address equals the End Page (EP) value
and the column address equals the EC value, or the host processor sends another command.
If set_address_mode (0x36) A[5] = 1:
The column and page address are reset to the Start Column (SC) and Start Page (SP), respectively.
Pixels Data 1 are read from frame buffer at (SC, SP). The page address is then incremented and pixels read from the
frame buffer until the page address equals the End Page (EP) value. The page address is then reset to SP and the column
address is incremented. Pixels are read from the frame buffer until the column address equals the End Column (EC)
value and the page address equals the EP value, or the host processor sends another command.
9.20 set_partial_area
Command
0x30
Parameters
4
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
0
0
0
0
30
Parameter 1
1
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
xx
Parameter 2
1
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
xx
Parameter 3
1
ER15
ER14
ER13
ER12
ER11
ER10
ER9
ER8
xx
Parameter 4
1
ER7
ER6
ER5
ER4
ER3
ER2
ER1
ER0
xx
Description
This command defines the Partial Display mode’s display area. There are two parameters associated with this command,
the first defines the Start Row (SR) and the second the End Row (ER). SR and ER refer to the Frame Buffer Line Pointer.
SR[15:8] : Start display row number high byte (POR = 00000000)
SR[7:0] : Start display row number low byte (POR = 00000000)
ER[15:8] : End display row number high byte (POR = 00000000)
ER[7:0] : End display row number low byte (POR = 00000000)
Note : SR[15:0] and ER[15:0] cannot be 0000h nor exceed the last vertical line number.
If End Row > Start Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com