Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
SSD1963
Rev 1.1
P 35/93
Jan 2010
Solomon Systech
Figure 9-9: Set Scroll Area with set_address_mode (0x36) A[4] = 0
(0,0)
Top Fixed Area
TFA[15:0]
First line read from memory
VSA[15:0]
BFA[15:0]
Bottom Fixed Area
If set_address_mode (0x36) A[4] = 1 :
The TFA[15:0], describes the Top Fixed Area in number of lines from the bottom of the frame buffer. The bottom of the
frame buffer and bottom of the display panel are aligned.
The VSA[15:0] describes the height of the Vertical Scrolling Area in number of lines of frame buffer from the Vertical
Scrolling Start Address. The first line of the Vertical Scrolling Area starts immediately after the top most line of the Top
Fixed Area. The last line of the Vertical Scrolling Area ends immediately before the bottom most line of the Bottom
Fixed Area.
The BFA[15:0] describes the Bottom Fixed Area in number of lines from the top of the frame buffer. The top of the
frame buffer and top of the display panel are aligned.
TFA, VSA and BFA refer to the Frame Buffer Line Pointer.
Figure 9-10: Set Scroll Area with set_address_mode (0x36) A[4] = 1
(0,0)
Bottom Fixed Area
BFA[15:0]
VSA[15:0]
First line read from memory
TFA[15:0]
Top Fixed Area
Note :
The sum of TFA, VSA and BFA must equal the number of the display panel’s horizontal lines (pages), otherwise
Scrolling mode is undefined.
In Vertical Scroll Mode, set_address_mode (0x36) A[5] should be set to ‘0’ – this only affects the Frame Buffer Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com