Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Solomon Systech
Jan 2010
P 28/93
Rev 1.1
SSD1963
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
0
1
0
0
1
1
13
Description
This command causes the SSD1963 to enter the normal mode. Normal mode is defined as partial display and vertical
scroll mode are off. That means the whole display area is used for image display.
9.11 exit_invert_mode
Command
0x20
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
0
0
0
0
20
Description
This command causes the SSD1963 to stop inverting the image data on the display panel. The frame buffer contents
remain unchanged.
Figure 9-1: Exit Invert mode example
Frame Buffer
Display Panel
9.12 enter_invert_mode
Command
0x21
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
0
0
0
0
1
21
Description
This command causes the SSD1963 to invert the image data only on the display panel. The frame buffer contents remain
unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com