Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 69Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 70Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 71Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 72Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 73Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 74Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 75Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 76Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
SSD1963
Rev 1.1
P 73/93
Jan 2010
Solomon Systech
9.66 get_dbc_th
Command
0xD5
Parameters
9
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
0
1
0
1
0
1
D5
Parameter 1
1
0
0
0
0
0
0
0
DBC_TH116
xx
Parameter 2
1
DBC_TH115 DBC_TH114 DBC_TH113 DBC_TH112 DBC_TH111 DBC_TH110 DBC_TH19 DBC_TH18
xx
Parameter 3
1
DBC_TH17 DBC_TH16 DBC_TH15 DBC_TH14 DBC_TH13 DBC_TH12 DBC_TH11 DBC_TH10
xx
Parameter 4
1
0
0
0
0
0
0
0
DBC_TH216
xx
Parameter 5
1
DBC_TH215 DBC_TH214 DBC_TH213 DBC_TH212 DBC_TH211 DBC_TH210 DBC_TH29 DBC_TH28
xx
Parameter 6
1
DBC_TH27 DBC_TH26 DBC_TH25 DBC_TH24 DBC_TH23 DBC_TH22 DBC_TH21 DBC_TH20
xx
Parameter 7
1
0
0
0
0
0
0
0
DBC_TH316
xx
Parameter 8
1
DBC_TH315 DBC_TH314 DBC_TH313 DBC_TH312 DBC_TH311 DBC_TH310 DBC_TH39 DBC_TH38
xx
Parameter 9
1
DBC_TH37 DBC_TH36 DBC_TH35 DBC_TH34 DBC_TH33 DBC_TH32 DBC_TH31 DBC_TH30
xx
Description
Get the threshold for each level of power saving.
DBC_TH1[16] :
High byte of the threshold setting for the Conservative mode of DBC. (POR = 0)
DBC_TH1[15:8] : 2nd byte of the threshold setting for the Conservative mode of DBC. (POR = 00000000)
DBC_TH1[7:0] : Low byte of the threshold setting for the Conservative mode of DBC. (POR = 00000000)
DBC_TH2[16] :
High byte of the threshold setting for the Normal mode of DBC. (POR = 0)
DBC_TH2[15:8] : 2nd byte of the threshold setting for the Normal mode of DBC. (POR = 00000000)
DBC_TH2[7:0] : Low byte of the threshold setting for the Normal mode of DBC. (POR = 00000000)
DBC_TH3[16] :
High byte of the threshold setting for the Aggressive mode of DBC. (POR = 0)
DBC_TH3[15:8] : 2nd byte of the threshold setting for the Aggressive mode of DBC. (POR = 00000000)
DBC_TH3[7:0] : Low byte of the threshold setting for the Aggressive mode of DBC. (POR = 00000000)
9.67 set_pll
Command
0xE0
Parameters
1
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
1
0
0
0
0
0
E0
Parameter 1
1
0
0
0
0
0
0
A1
A0
xx
Description
Start the PLL. Before the start, the system was operated with the crystal oscillator or clock input.
A[1] : Lock PLL (POR = 0)
After PLL enabled for 100us, can start to lock PLL
0
Use reference clock as system clock
1
Use PLL output as system clock
A[0] : Enable PLL (POR = 0)
0
Disable PLL
1
Enable PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com