Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 76Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 77Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 78Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 79Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 80Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 81Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 82Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 83Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Solomon Systech
Jan 2010
P 80/93
Rev 1.1
SSD1963
12 DC CHARACTERISTICS
Conditions:
Voltage referenced to VSS
VDDD, VDDPLL = 1.2V
VDDIO, VDDLCD = 3.3V
TA = 25
°C
Table 12-1 : DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
PSTY
Quiescent Power
300
500
uW
IIZ
Input leakage current
-1
1
uA
IOZ
Output leakage current
-1
1
uA
VOH
Output high voltage
0.8VDDIO
V
VOL
Output low voltage
0.2VDDIO
V
VIH
Input high voltage
0.8VDDIO
VDDIO + 0.5
V
VIL
Input low voltage
0.2VDDIO
V
13 AC CHARACTERISTICS
Conditions:
Voltage referenced to VSS
VDDD, VDDPLL = 1.2V
VDDIO, VDDLCD = 3.3V
TA = 25
°C
CL
= 50pF (Bus/CPU Interface)
CL
= 0pF (LCD Panel Interface)
13.1 Clock Timing
Table 13-1:
Clock Input Requirements for CLK (PLL-bypass)
Symbol
Parameter
Min
Max
Units
FCLK
Input Clock Frequency (CLK)
110
MHz
TCLK
Input Clock period (CLK)
1/fCLK
ns
Table 13-2 : Clock Input Requirements for CLK
Symbol
Parameter
Min
Max
Units
FCLK
Input Clock Frequency (CLK)
2.5
50
MHz
TCLK
Input Clock period (CLK)
1/fCLK
ns
Table 13-3 : Clock Input Requirements for crystal oscillator XTAL
Symbol
Parameter
Min
Max
Units
FXTAL
Input Clock Frequency
2.5
10
MHz
TXTAL
Input Clock period
1/fXTAL
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com