Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Solomon Systech
Jan 2010
P 34/93
Rev 1.1
SSD1963
Partial Area
SR[15:0]
ER[15:0]
Partial Area
9.21 set_scroll_area
Command
0x33
Parameters
6
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
0
0
1
1
33
Parameter 1
1
TFA15
TFA14
TFA13
TFA12
TFA11
TFA10
TFA9
TFA8
xx
Parameter 2
1
TFA7
TFA6
TFA5
TFA4
TFA3
TFA2
TFA1
TFA0
xx
Parameter 3
1
VSA15
VSA14
VSA13
VSA12
VSA11
VSA10
VSA9
VSA8
xx
Parameter 4
1
VSA7
VSA6
VSA5
VSA4
VSA3
VSA2
VSA1
VSA0
xx
Parameter 5
1
BFA15
BFA14
BFA13
BFA12
BFA11
BFA10
BFA9
BFA8
xx
Parameter 6
1
BFA7
BFA6
BFA5
BFA4
BFA3
BFA2
BFA1
BFA0
xx
Description
Defines the vertical scrolling and fixed area on display area
TFA[15:8] : High byte of Top Fixed Area number in lines from the top of the frame buffer (POR = 00000000)
TFA[7:0] : Low byte of Top Fixed Area number in lines from the top of the frame buffer (POR = 00000000)
VSA[15:8] : High byte of Vertical scrolling area in number of lines of the frame buffer (POR = 00000000)
VSA[7:0] : Low byte of Vertical scrolling area in number of lines of the frame buffer (POR = 00000000)
BFA[15:8] : High byte of Bottom Fixed Area in number of lines from the bottom of the frame buffer (POR = 00000000)
BFA[7:0] : Low byte of Bottom Fixed Area in number of lines from the bottom of the frame buffer (POR = 00000000)
If set_address_mode (0x36) A[4] = 0 :
The TFA[15:0] describes the Top Fixed Area in number of lines from the top of the frame buffer. The top of the frame
buffer and top of the display panel are aligned.
The VSA[15:0] describes the height of the Vertical Scrolling Area in number of lines of frame buffer from the Vertical
Scrolling Start Address. The first line of the Vertical Scrolling Area starts immediately after the bottom most line of the
Top Fixed Area. The last line of the Vertical Scrolling Area ends immediately before the top most line of the Bottom
Fixed Area.
The BFA[15:0] describes the Bottom Fixed Area in number of lines from the bottom of the frame buffer. The bottom of
the frame buffer and bottom of the display panel are aligned.
TFA, VSA and BFA refer to the Frame Buffer Line Pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com