Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 72Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 73Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 74Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 75Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 76Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 77Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 78Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 79Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Solomon Systech
Jan 2010
P 76/93
Rev 1.1
SSD1963
9.72 set_lshift_freq
Command
0xE6
Parameters
3
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
1
0
0
1
1
0
E6
Parameter 1
1
0
0
0
0
LCDC_FPR19 LCDC_FPR18 LCDC_FPR17 LCDC_FPR16
xx
Parameter 2
1
LCDC_FPR15 LCDC_FPR14 LCDC_FPR13 LCDC_FPR12 LCDC_FPR11 LCDC_FPR10 LCDC_FPR9 LCDC_FPR8
xx
Parameter 3
1
LCDC_FPR7 LCDC_FPR6 LCDC_FPR 5 LCDC_FPR4 LCDC_FPR 3 LCDC_FPR2 LCDC_FPR1 LCDC_FPR0
xx
Description
Set the LSHIFT (pixel clock) frequency
LCDC_FPR[19:16] : The highest 4 bits for the pixel clock frequency settings. (POR = 0111)
LCDC_FPR[15:8] : The higher byte for the pixel clock frequency settings. (POR = 11111111)
LCDC_FPR[7:0] : The low byte for the pixel clock frequency settings. (POR = 11111111)
For parallel LCD interface:
Configure the pixel clock to PLL freq x ((LCDC_FPR + 1) / 2
20)
To obtain PCLK = 5.3MHz with PLL Frequency = 100MHz,
5.3MHz = 100MHz * ( LCDC_FPR+ 1) / 2
20
LCDC_FPR = 55574
WRITE COMMAND “0xE6”
WRITE DATA “0x00”
(LCDC_FPR = 55574)
WRITE DATA “0xD9”
WRITE DATA “0x16”
For serial LCD interface:
Configure the pixel clock to PLL freq x ((LCDC_FPR + 1) / 2
20) *4
To obtain PCLK = 5.3MHz with PLL Frequency = 100MHz,
5.3MHz = 100MHz * ( ( LCDC_FPR+ 1) / 2
20 )*4
LCDC_FPR = 13892
WRITE COMMAND “0xE6”
WRITE DATA “0x00”
(LCDC_FPR = 13892)
WRITE DATA “0x36”
WRITE DATA “0x44”
9.73 get_lshift_freq
Command
0xE7
Parameters
3
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
1
0
0
1
1
1
E7
Parameter 1
1
0
0
0
0
LCDC_FPR19 LCDC_FPR18 LCDC_FPR17 LCDC_FPR16
xx
Parameter 2
1
LCDC_FPR15 LCDC_FPR14 LCDC_FPR13 LCDC_FPR12 LCDC_FPR11 LCDC_FPR10 LCDC_FPR9 LCDC_FPR8
xx
Parameter 3
1
LCDC_FPR7 LCDC_FPR6 LCDC_FPR 5 LCDC_FPR4 LCDC_FPR 3 LCDC_FPR2 LCDC_FPR1 LCDC_FPR0
xx
Description
Get the current LSHIFT (pixel clock) frequency setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com