Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963QL9R Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9R
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 78Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 79Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 80Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 81Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 82Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 83Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 84Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 85Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
Solomon Systech
Jan 2010
P 82/93
Rev 1.1
SSD1963
Table 13-5: Parallel 6800-series Interface Timing Characteristics (Use E as clock)
Symbol
Parameter
Min
Typ
Max
Unit
fMCLK
System Clock Frequency*
1
-
110
MHz
tMCLK
System Clock Period*
1/ fMCLK
-
-
ns
tPWCSH
Control Pulse Low Width Write (next write cycle)
Write (next read cycle)
Read
13
80
80
1.5* tMCLK
9* tMCLK
9* tMCLK
-
ns
tPWCSL
Control Pulse High Width Write
Read
13
30
1.5* tMCLK
3.5* tMCLK
-
ns
tAS
Address Setup Time
2
-
-
ns
tAH
Address Hold Time
2
-
-
ns
tDSW
Data Setup Time
4
-
-
ns
tDHW
Data Hold Time
1
-
-
ns
tPLW
Write Low Time
14
-
-
ns
tPHW
Write High Time
14
-
-
ns
tPLWR
Read Low Time
38
-
-
ns
tACC
Data Access Time
32
-
-
ns
tDHR
Output Hold time
1
-
-
ns
tR
Rise Time
-
-
0.5
ns
tF
Fall Time
-
-
0.5
ns
* System Clock denotes external input clock (PLL-bypass) or internal generated clock (PLL-enabled)
Figure 13-2: Parallel 6800-series Interface Timing Diagram (Use E as Clock)
D[17:0]
(WRITE)
D[17:0]
(READ)
E
tR
tF
tDHW
tACC
tDHR
Valid Data
tDSW
Valid Data
tAH
tAS
D/C
R/W
CS#
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IH
V
IH
V
IL
V
OH
V
OL
V
tPWCSL
tPWCSH
tPHWR / tPHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com