Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 42Page - Cirrus Logic CS5501 Datasheet HTML 43Page - Cirrus Logic CS5501 Datasheet HTML 44Page - Cirrus Logic CS5501 Datasheet HTML 45Page - Cirrus Logic CS5501 Datasheet HTML 46Page - Cirrus Logic CS5501 Datasheet HTML 47Page - Cirrus Logic CS5501 Datasheet HTML 48Page - Cirrus Logic CS5501 Datasheet HTML 49Page - Cirrus Logic CS5501 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
CS5501/CS5503 Data Output Mode Selection
Connector P5 (see Figure 2) allows jumper selec-
tion of any one of the three data output modes.
These modes are:
1) SSC (Synchronous Self-Clocking);
2) SEC (Synchronous External Clocking);
3) AC (Asynchronous Communication).
(AC mode is available only in the CS5501)
SSC (Synchronous Self-Clocking) Mode
The SSC mode is designed for interface to those
microcontrollers which allow external clocking of
their serial inputs. The SSC mode also allows
easy connection to serial-to-parallel conversion
circuitry.
In the SSC mode serial data and serial clock are
output from the CS5501/CS5503 whenever the
CS line is activated. As illustrated in Figure 2, all
of the signals are available at connector P10. If
the CS signal is to be controlled remotely the
jumper on P9 should be placed in the NC (No
Connection) position. This removes the Decima-
tion Counter output from controlling the CS line.
Data Output Interface: Parallel Port (for
CS5501 evaluation only).
Whenever the CS5501 is operated in the SSC
mode the 16-bit output data is clocked into two
8-bit shift registers. The registers have three-state
parallel outputs which are available at P7 (see
Figure 3). A flip-flop (U8A) is used to signal the
remote reading device whenever the registers are
updated. The PDR (Parallel Data Ready) signal
from the flip-flop is available on P7. The Q-bar
output from the flip-flop locks out any further up-
dates to the registers until their data is read and a
DACK (Data ACKnowledge) signal is received
from the remote device.
Activation of the CS line determines the rate at
which the CS5501 will attempt to update the out-
put shift registers. Data will be shifted into the
registers only if a DACK signal has occurred
since the last update.
The CS line can be controlled remotely at P10 or
by the output of the Decimation Counter. If CS is
controlled remotely, the Decimation divide
jumper on P4 should be placed in the "0" posi-
tion. This insures that the DCS signal will occur
at the same rate CS is activated. The positive go-
ing edge of DCS toggles the U8A flip-flop which
signals an update to the parallel port.
The parallel registers are set up to be read in 16-
bit parallel fashion but can be configured to be
read separately as two 8-bit bytes on an 8-bit bus.
To configure the board for byte-wide reads, the
byte-wide jumpers must be soldered in place. In
addition, for proper "one byte at a time" address
selection, a connection on the circuit board needs
to be opened and a jumper wire soldered in the
proper place to determine which register is to be
read when A0 is a "1" and vice versa. See Figure
3 for schematic details. The evaluation board
component layout diagram, Figure 7, indicates the
location of the byte-wide jumpers and A0 address
selection jumpers.
After data is read from the registers a DACK
(Data Acknowledge) signal is required from the
off-board controller to reset flip-flop U8A. This
enables the registers to accept data input once
again.
The DRB and CSB signals on connector P10
should be used to monitor and control the
CS5501 output to the serial to parallel conversion
registers. Be aware that an arbitrarily timed
DACK signal may cause the output data regis-
ters to be enabled in the middle of an output
word if the CS signal to the CS5501 is not
properly sequenced. This will result in incorrect
data in the output registers.
If the Decimation Counter is used to control the
output of the CS5501 (Jumper on P9 in the DC
position), the CSB signal on P10 can be moni-
CDB5501/CDB5503
46
DS31DB3
CDB5501 CDB5503
46
DS31DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com