Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 2Page - Cirrus Logic CS5501 Datasheet HTML 3Page - Cirrus Logic CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic CS5501 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
DIGITAL CHARACTERISTICS (T
A = Tmin to Tmax; VA+, VD+ = 5V
± 10%; VA-, VD- = -5V ± 10%)
Parameter
Symbol
Min
Typ
Max
Units
Calibration Memory Retention
Power Supply Voltage (VD+ and VA+)
VMR
2.0
-
-
V
High-Level Input Voltage All Except CLKIN
VIH
2.0
-
-
V
High-Level Input Voltage CLKIN
VIH
3.5
-
-
V
Low-Level Input Voltage All Except CLKIN
VIL
--
0.8
V
Low-Level Input Voltage CLKIN
VIL
--
1.5
V
High-Level Output Voltage
(Note 9)
VOH
(VD+)-1.0V
-
-
V
Low-Level Output Voltage
Iout=1.6mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes:
9. Iout = -100
µA. This guarantees the ability to drive one TTL load. (VOH = 2.4V @ Iout = -40 µA).
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
(VA+)+0.3
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies (Notes 10, 11)
Iin
-
±10
mA
Analog Input Voltage (AIN and VREF pins)
VINA
(VA-)-0.3
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
(VA+)+0.3
V
Ambient Operating Temperature
TA
-55
125
C°
Storage Temperature
Tstg
-65
150
C°
Notes: 10. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pin.
11. Transient currents of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is
± 50 mA.
CS5501/CS5503
6
DS31F4
CS5501 CS5503
6
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com