Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic CS5501 Datasheet HTML 10Page - Cirrus Logic CS5501 Datasheet HTML 11Page - Cirrus Logic CS5501 Datasheet HTML 12Page - Cirrus Logic CS5501 Datasheet HTML 13Page - Cirrus Logic CS5501 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
SWITCHING CHARACTERISTICS (continued) (TA = Tmin to Tmax;
VA+, VD+ = 5V
± 10%; VA-, VD- = -5V ± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
AC Mode (Mode = VD-) CS5501 only
Serial Clock (In)
fsclk
dc
-
4.2
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph3
tpl3
50
180
-
-
-
-
ns
ns
Set-up Time
CS Low to SCLK Falling
tcss
-20
40
ns
Maximum Data Delay Time SCLK Fall to New SDATA bit
tdd3
-
90
180
ns
Output Float Delay
CS High to Output Hi-Z (Note 21)
tfd5
-
100
200
ns
Notes: 21. If CS is returned high after an 11-bit data packet is started, the SDATA output will continue to output
data until the end of the second stop bit. At that time the SDATA output will go to high impedance.
Low Byte
STOP1 STOP2
t fd5
t pl3
Hi-Z
Hi-Z
BIT7
BIT6
BIT9
START
t ph3
t dd3
High Byte
SCLK(i)
SDATA
CS
DRDY
BIT8
t css
AC MODE Timing Relationships (CS5501 only)
CS5501/CS5503
10
DS31F4
CS5501 CS5503
10
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com