Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 26Page - Cirrus Logic CS5501 Datasheet HTML 27Page - Cirrus Logic CS5501 Datasheet HTML 28Page - Cirrus Logic CS5501 Datasheet HTML 29Page - Cirrus Logic CS5501 Datasheet HTML 30Page - Cirrus Logic CS5501 Datasheet HTML 31Page - Cirrus Logic CS5501 Datasheet HTML 32Page - Cirrus Logic CS5501 Datasheet HTML 33Page - Cirrus Logic CS5501 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
SDATA -Serial Data Output, Pin 20.
Data from the serial port will be output from this pin at a rate determined by SCLK and in a
format determined by the MODE pin. It furnishes a high impedance output state when not
transmitting data.
SCLK -Serial Clock Input/Output, Pin 19.
A clock signal at this pin determines the output rate of the data from the SDATA pin. The
MODE pin determines whether the SCLK signal is an input or output. SCLK may provide a
high impedance output when data is not being output from the SDATA pin.
Calibration Control Inputs
SC1; SC2 -System Calibration 1 and 2, Pins 4 and 17.
Control inputs to the CS5501/CS5503’s calibration microcontroller for calibration. The state of
SC1 and SC2 determine which of the calibration modes is selected for operation (see Table 2).
BP/UP -Bipolar/Unipolar Select, Pin 12.
Determines whether the CS5501/CS5503 will be calibrated to measure bipolar (BP/UP = VD+)
or unipolar (BP/UP = DGND) input signals. Recalibration is necessary whenever the state of
BP/UP is changed.
CAL -Calibrate, Pin 13.
If brought high for 4 clock cycles or more, the CS5501/CS5503 will reset and upon returning
low a full calibration cycle will begin. The state of SC1, SC2, and BP/UP when CAL is
brought low determines the type and length of calibration cycle initiated (see Table 2). Also, a
single CAL signal can be used to strobe the CAL pins high on several CS5501/CS5503’s to
synchronize their operation. Any spurious glitch on this pin may inadvertently place the chip in
Calibration mode.
Other Control Input
SLEEP -Sleep, Pin 11.
When brought low, the CS5501/CS5503 will enter a low-power state. When brought high
again, the CS5501/CS5503 will resume operation without the need to recalibrate. After SLEEP
goes high again, the device’s output will settle to within +0.0007% of the analog input value
within 1.3/f-3dB, where f-3dB is the passband frequency. The SLEEP input can also be used to
synchronize sampling and the output updates of several CS5501/CS5503’s.
Analog Inputs
VREF -Voltage Reference, Pin 10.
Analog reference voltage input.
AIN -Analog Input, Pin 9.
CS5501/CS5503
30
DS31F4
CS5501 CS5503
30
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com