Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5501 Datasheet HTML 1Page - Cirrus Logic CS5501 Datasheet HTML 2Page - Cirrus Logic CS5501 Datasheet HTML 3Page - Cirrus Logic CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
ANALOG CHARACTERISTICS (Continued)
CS5501/3-A, B, C
CS5501/3-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
DC Power Supply Currents
IA+
IA-
ID+
ID-
(Note 4)
Power Dissipation
SLEEP High
SLEEP Low
(Note 4)
-
-
-
-
-
-
2
2
1
0.03
25
10
3.2
3.2
1.5
0.1
40
20
-
-
-
-
-
-
2
2
1
0.03
25
10
3.2
3.2
1.5
0.1
40
40
mA
mA
mA
mA
mW
µW
Power Supply Rejection
Positive Supplies
Negative Supplies
(Note 5)
-
-
70
75
-
-
-
-
70
75
-
-
dB
dB
Analog Input
Analog Input Range
Unipolar
0 to +2.5
0 to +2.5
V
Bipolar
-
±2.5
--
±2.5
-V
Input Capacitance
-
20
-
-
20
-
pF
DC Bias Current
(Note 1)
-
1
-
-
1
-
nA
System Calibration Specifications
Positive Full Scale Calibration Range
VREF+0.1
VREF+0.1
V
Positive Full Scale Input Overrange
VREF+0.1
VREF+0.1
V
Negative Full Scale Input Overrange
-(VREF+0.1)
-(VREF+0.1)
V
Maximum Offset
Calibration Range
(Notes 6, 7)
Unipolar Mode
Bipolar Mode
-(VREF +0.1)
-40%VREF to +40%VREF
-(VREF +0.1)
-40%VREF to +40%VREF
V
V
Input Span
(Note 8)
80%
VREF
2VREF
+0.2
80%
VREF
2VREF
+0.2
V
Notes:
4. All outputs unloaded.
5. 0.1Hz to 10Hz. PSRR at 60 Hz will exceed 120 dB due to the benefit of the digital filter.
6. In unipolar mode the offset can have a negative value (-VREF) such that the unipolar mode can mimic
bipolar mode operation.
7. The specifications for Input Overrange and for Input Span apply additional constraints on the offset
calibration range.
8. For Unipolar mode, Input Span is the difference between full scale and zero scale. For Bipolar mode,
Input Span is the difference between positive and negative full scale points. When using less than
the maximum input span, the span range may be placed anywhere within the range of
±(VREF + 0.1).
Specifications are subject to change without notice.
CS5501/CS5503
4
DS31F4
CS5501 CS5503
4
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com