Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5501 Datasheet HTML 1Page - Cirrus Logic CS5501 Datasheet HTML 2Page - Cirrus Logic CS5501 Datasheet HTML 3Page - Cirrus Logic CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
CS5503 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 2.5V; CLKIN = 4.096MHz; Bipolar Mode; MODE = +5V; Rsource = 750
. with a 1nF
to AGND at AIN (see Note 1): unless otherwise specified.)
CS5503-A, B, C
CS5503-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-A, S
-B, T
-C
-
-
-
0.0015
0.0007
0.0003
0.003
0.0015
0.0012
-
-
-
0.0007
0.003
TBD
±%FS
±%FS
±%FS
Differential Nonlinearity
TMIN to TMAX
(Not Missing Codes)
-
20
-
-
20
-
Bits
Full Scale Error
(Note 2)
-
±4
±16
-
±4
±16
LSB20
Full Scale Error Drift
(Note 3)
-
±19
-
-
±37
-
LSB20
Unipolar Offset
(Note 2)
-
±4
±16
-
±4
±16
LSB20
Unipolar Offset Drift
(Note 3)
-
±67
-
-
+48
-400
-
LSB20
Bipolar Offset
(Note 2)
-
±4
±16
-
±4
±16
LSB20
Bipolar Offset Drift
(Note 3)
-
±34
-
-
+24
-200
-
LSB20
Bipolar Negative Full Scale Error
(Note 2)
-
±8
±32
-
±8
±32
LSB20
Bipolar Negative Full Scale Drift
(Note 3)
-
±10
-
-
±20
-
LSB20
Noise (Referred to Output)
-
1.6
-
-
1.6
-
LSBrms
(20)
Unipolar Mode
Bipolar Mode
. V LSB’s
%FS
ppm Fs LSB’s
%FS
ppm FS
0.596
0.25 0.0000238 0.24
0.13
0.0000119
0.12
1.192
0.50 0.0000477 0.47
0.26
0.0000238
0.24
2.384
1.00 0.0000954 0.95
0.50
0.0000477
0.47
4.768
2.00 0.0001907 1.91
1.00
0.0000954
0.95
9.537 4.000 0.0003814 3.81
2.00
0.0001907
1.91
CS5503 Unit Conversion Factors, VREF = 2.5V
* Refer to the Specification Definitions immediately following the Pin Description Section.
CS5501/CS5503
DS31F4
3
CS5501 CS5503
DS31F5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com