Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 23Page - Cirrus Logic CS5501 Datasheet HTML 24Page - Cirrus Logic CS5501 Datasheet HTML 25Page - Cirrus Logic CS5501 Datasheet HTML 26Page - Cirrus Logic CS5501 Datasheet HTML 27Page - Cirrus Logic CS5501 Datasheet HTML 28Page - Cirrus Logic CS5501 Datasheet HTML 29Page - Cirrus Logic CS5501 Datasheet HTML 30Page - Cirrus Logic CS5501 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
The recommended system connection diagram for
the CS5501/CS5503 is illustrated in Figure 15.
Note that any digital logic inputs which are to be
unused should be tied to either DGND or the
VD+ as appropriate. They should not be left float-
ing; nor should they be tied to some other logic
supply voltage in the system.
Power-up and Initialization
Upon power-up, a calibration cycle must be initi-
ated at the CAL pin to insure a consistent starting
condition and to initially calibrate the device. The
CAL pin must be strobed high for a minimum of
4 clock cycles.
The falling edge will initiate a
calibration cycle. A simple power-on reset circuit
can be built using a resistor and capacitor (see
Figure 16). The resistor and capacitor values
should allow for clock or oscillator startup time,
and the voltage reference stabilization time.
Due to the devices’ low power dissipation and
low temperature drift, no warm-up time is re-
quired to accommodate any self-heating effects.
Sleep Mode
The CS5501/CS5503 include a sleep mode
(SLEEP = DGND) which shuts down the internal
analog and digital circuitry reducing power con-
sumption to less than 10
µW. All calibration
coefficients are retained in memory such that no
time is required after "awakening" for recalibra-
tion. Still, the CS5501/CS5503 will require time
for the digital filter to settle before an accurate
reading will occur after a rising edge on SLEEP
occurs.
Battery Backed-up Calibrations
The CS5501/CS5503 use SRAM to store calibra-
tion information. The contents of the SRAM will
be lost whenever power is removed from the chip.
Figure 17 shows a battery back-up scheme that
can be used to retain the calibration memory dur-
ing system down time and/or protect it against
intermittent power loss.
Note that upon loss of
power, the SLEEP input goes low, reducing
power consumption to just 10
µW. Lithium cells
of 3.6 V are available which average 1750 mA-
hours before they drop below the typical 2 V
memory-reten tion
specification
of
the
CS5501/CS5503.
When SLEEP is active (SLEEP = DGND), both
VD+ and VA+ must remain powered to no less
than 2 V to retain calibration memory. The VD-
and VA- voltages can be reduced to 0 V but must
not be allowed to go above ground potential. The
negative supply must exhibit low source imped-
ance in the powered-down state as the current into
the VA+ pin flows out the VA- pin. (AGND is
only a reference node. No power supply current
flows in or out of AGND.) Care should be taken
CS5501
R
+5V
CAL
C
SC2
SC1
Figure 16. Power-On Reset Circuitry
(Self-Calibration Only)
CS5501
VD+
15
10
Ω
VA+
14
0.1
µF
+5V
1N4148
Vd
Vb
8
AGND
11
SLEEP
0.1
µF
1N4148
1N4148
5 DGND
VD-
VA-
76
10
Ω
0.1
µF
-5V
0.1
µF
47k
Ω
CS5503
(2V+Vd) < Vb < 4.5V
Figure 17. Example Calibration Memory Battery
Back-Up Circuit
CS5501/CS5503
DS31F4
27
CS5501 CS5503
DS31F5
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com