Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 40Page - Cirrus Logic CS5501 Datasheet HTML 41Page - Cirrus Logic CS5501 Datasheet HTML 42Page - Cirrus Logic CS5501 Datasheet HTML 43Page - Cirrus Logic CS5501 Datasheet HTML 44Page - Cirrus Logic CS5501 Datasheet HTML 45Page - Cirrus Logic CS5501 Datasheet HTML 46Page - Cirrus Logic CS5501 Datasheet HTML 47Page - Cirrus Logic CS5501 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Clock Options
Several clock source options are available. These
include:
1) an external clock (+5 V CMOS-Compatible);
2) an on-board 4.9152 MHz crystal oscillator
with a 2
n divider (n = 1, 2, …7);
3) a 4.096 MHz crystal.
Connector P1 allows jumper selection of either an
external clock or the on-board 4.9152 MHz crys-
tal oscillator (See Figure 1 for schematic) as the
clock source for the CLKIN signal on pin 3 of the
CS5501/CS5503 (shown in Figure 2).
If the EXT position is selected, a CMOS-compat-
ible clock signal (5 volt supply) should be input
to the BNC connector labeled CLKIN. If the INT
position is selected the 4.9152 MHz oscillator
output is input to counter/divider IC U2. In either
Figure 2. Decimation Counter / Microport
CS
16
18
20
19
1
TP8
TP9
TP10
SDATA
SCLK
MODE
V+
V+
V+
TP7
P5
5
6
3
4
1
2
V+
V-
MODE: SSC SEC AC*
8
9
10
9
8
11
12
13
1
23
4
5
6
7
14
5
6
7
14
3
4
V+
BRCLK
P11
BC NC
2
4
6
8
10
P10
P9
SD
SCO
SCI
CS
DR
TP6
D
CL
Q
R
S
V+
V+
Q 8
9
10
11
12
13
P4
V+
CL
R
10
11
16
8
CLKOUT
CLKIN
CLKIN
(fig. 1)
2
3
DRDY
SDATA
SCLK
DRDY
(fig. 4)
(fig. 3, 4)
(fig. 3)
(fig. 1)
NC DC
(fig. 3)
DCS
100 k
R 11
100 k
R 13
100 k
R 12
CS5501/
U4
Y2
0.1
µF
C23
47 k
RN 3.5
47 k
RN 3.5
0.1
µF
C15
100 k
R17
R 14
100 k
C5
0.1
µF
74HC4040
U3
U8B
74HC74
U6
74HCT04
U7
U7
U6
U7
U7
U6
Decimation Counter
N = 02
3
45
6 7
8
910 11
1
1
2
U6
74HC126
97
6 53
24
13 12 14 15 1
1
2 3
4
56
7 8
9 10 11 12
1
3
5
7
9
*AC Mode available only in CS5501
CS5503
CDB5501/CDB5503
44
DS31DB3
CDB5501 CDB5503
44
DS31DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com