Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 9Page - Cirrus Logic CS5501 Datasheet HTML 10Page - Cirrus Logic CS5501 Datasheet HTML 11Page - Cirrus Logic CS5501 Datasheet HTML 12Page - Cirrus Logic CS5501 Datasheet HTML 13Page - Cirrus Logic CS5501 Datasheet HTML 14Page - Cirrus Logic CS5501 Datasheet HTML 15Page - Cirrus Logic CS5501 Datasheet HTML 16Page - Cirrus Logic CS5501 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
gate oscillator is designed to properly operate
without additional loading capacitors when using
a 4.096 MHz (or 4 MHz) crystal. If other crystal
frequencies or if ceramic resonators are used,
loading capacitors may be necessary for reliable
operation of the oscillator. Table 1 illustrates some
typical capacitor values to be used with selected
resonating elements.
CLKOUT (pin 2) can be used to drive one exter-
nal CMOS gate for system clock requirements. In
this case, the external gate capacitance must be
taken into account when choosing the value of
C2.
Caution: A clock signal should always be present
whenever the SLEEP is inactive (SLEEP = VD+).
If no clock is provided to the part when not in
SLEEP, the part may draw excess current and
possibly even lose its calibration data. This is be-
cause the device is built using dynamic logic.
Serial Interface Logic
The CS5501 serial data output can operate in any
one of the following three different serial interface
modes depending upon the MODE pin selection:
SSC (Synchronous Self-Clocking) mode;
MODE pin tied to VD+ (+5V).
SEC (Synchronous External Clocking) mode;
MODE pin tied to DGND.
and AC (Asynchronous Communication) mode;
CS5501 only
MODE pin tied to VD- (-5V)
The CS5503 can only operate in the first two
modes, SEC and SSC.
Synchronous Self-Clocking Mode
When operated in the SSC mode (MODE pin tied
to VD+), the CS5501/CS5503 furnish both serial
output data (SDATA) and an internally-generated
serial clock (SCLK). Internal timing for the SSC
mode is illustrated in Figure 4. Figure 5 shows
detailed SSC mode timing for both the
CS5501/CS5503. A filter cycle occurs every 1024
cycles of CLKIN. During each filter cycle, the
status of CS is polled at eight specific times dur-
ing the cycle. If CS is low when it is polled, the
CS5501/CS5503 begin clocking the data bits out,
MSB first, at a SCLK output rate of CLKIN/4.
Once transmission is complete, DRDY rises and
both SDATA and SCLK outputs go into a high
impedance state. A filter cycle begins each time
DRDY falls. If the CS line is not active, DRDY
will return high 1020 clock cycles after it falls.
Four clock cycles later DRDY will fall to signal
that the serial port has been updated with new
data and that a new filter cycle has begun. The
first CS polling during a filter cycle occurs 76
clock cycles after DRDY falls (the rising edge of
CLKIN on which DRDY falls is considered clock
cycle number one). Subsequent pollings of CS oc-
cur at intervals of 128 clock cycles thereafter (76,
204, 332, etc.). The CS signal is polled at the be-
ginning of each of eight data output windows
which occur in a filter cycle. To transmit data dur-
ing any one of the eight output windows, CS must
be low at least three CLKIN cycles before it is
polled. If CS does not meet this set-up time, data
will not be transmitted during the window time.
Furthermore, CS is not latched internally and
therefore must be held low during the entire data
transmission to obtain all of the data bits.
Crystals
None
None
4.096 MHz
20pF
20pF
3.579 MHz
30pF
30pF
2.000 MHz
100pF
100pF
455 kHz
50pF
50pF
1.0 MHz
20pF
20pF
2.0 MHz
330pF
470pF
200 kHz
C1
C2
Resonators
Ceramic
Table 1. Resonator Loading Capacitors
CS5501/CS5503
DS31F4
13
CS5501 CS5503
DS31F5
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com