Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 31Page - Cirrus Logic CS5501 Datasheet HTML 32Page - Cirrus Logic CS5501 Datasheet HTML 33Page - Cirrus Logic CS5501 Datasheet HTML 34Page - Cirrus Logic CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic CS5501 Datasheet HTML 38Page - Cirrus Logic CS5501 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
In such asynchronous configurations the CS5501
is operated much like a successive-approximation
converter with a Convert signal and a subsequent
read cycle.
If it is required to latch the 16-bit data, then 2
74HC595 8-bit "shift register with latch" parts
may be used instead of 74HC299’s.
Serial Interfaces
Figures A3 to A8 offer both the hardware and
software interfaces to several industry-standard
microcontrollers using the CS5501’s SEC and
AC output modes. In each instance a system in-
itialization routine is provided which configures
the controller’s I/O ports to accept the CS5501’s
serial data and clock outputs and/or generate its
own serial clock. The routine also sets the
CS5501 into a known state.
For each interface, a second subroutine is also
provided which will collect one complete 16-bit
output word from the CS5501. Figure A5 illus-
trates the detailed timing throughout the
subroutine for one particular interface - the
COPS family interface of Figure A4.
Figure A2. 8-Bit Parallel Interface
+5V
+5V
S2
A
S1
OE2 OE1
Q H
OE2
S2
A
S1
OE1
D8
D9
D10
D11
D12
D13
D14
D15
PA
PB
PC
PD
PE
PF
PG
PH
PA
PB
PC
PD
PE
PF
PG
PH
D0
D1
D2
D3
D4
D5
D6
D7
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
MODE
CS
SDATA
SCLK
DRDY
+5V
DQ
Q
SET
RESET
INT
Only needed for
interrupt driven systems
CS
DRDY
(For polling)
A0
CS5501
CS5503
CS5501/CS5503
DS31F4
35
CS5501 CS5503
DS31F5
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com