Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 30Page - Cirrus Logic CS5501 Datasheet HTML 31Page - Cirrus Logic CS5501 Datasheet HTML 32Page - Cirrus Logic CS5501 Datasheet HTML 33Page - Cirrus Logic CS5501 Datasheet HTML 34Page - Cirrus Logic CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic CS5501 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
APPENDIX A: APPLICATIONS
Parallel Interface
Figures A1 and A2 show two serial-to-parallel
conversion circuits for interfacing the CS5501 in
its SSC mode to 16- and 8-bit systems respec-
tiv ely. Each circuit includes an optional
74HCT74 flip-flop to latch DRDY and generate
a level-sensitive interrupt.
Both circuits require that the parallel read process
be synchronized to the CS5501’s operation. That
is, the system must not try to enable the regis-
ters’ parallel output while they are accepting
serial data from the CS5501. The CS5501’s
DRDY falls just prior to serial data transmission
and returns high as the last bit shifts out. There-
fore, the DRDY pin can be polled for a rising
transition directly, or it can be latched as a level-
sensitive interrupt.
With the CS input tied low the CS5501 will shift
out every available sample (4kHz word rate with
a 4MHz master clock). Lower output rates (and
interrupt rates) can be generated by dividing
down the DRDY output and applying it to CS.
Totally asynchronous interfaces can be created
using a Shift Data control signal from the system
which enables the CS5501’s CS input and/or the
shift registers’ S1 inputs. The DRDY output can
then be used to disable serial data transmission
once an output word has been fully registered.
+5V
+5V
S2
A
S1
OE2 OE1
PA
PB
PC
PD
PE
PF
PG
PH
D0
D1
D2
D3
D4
D5
D6
D7
Q H
S2
A
S1
OE1 PA
PB
PC
PD
PE
PF
PG
PH
D8
D9
D10
D11
D12
D13
D14
D15
CS
DRDY
(For polling)
MODE
CS
SDATA
SCLK
DRDY
+5V
D
Q
Q
SET
RESET
INT
OE2
Only needed for
interrupt driven systems
CS5501
CS5503
Figure A1. 16-bit Parallel Interface
CS5501/CS5503
34
DS31F4
CS5501 CS5503
34
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com