Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 32Page - Cirrus Logic CS5501 Datasheet HTML 33Page - Cirrus Logic CS5501 Datasheet HTML 34Page - Cirrus Logic CS5501 Datasheet HTML 35Page - Cirrus Logic CS5501 Datasheet HTML 36Page - Cirrus Logic CS5501 Datasheet HTML 37Page - Cirrus Logic CS5501 Datasheet HTML 38Page - Cirrus Logic CS5501 Datasheet HTML 39Page - Cirrus Logic CS5501 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Notes:
1. CS5501 in Synchronous External Clocking mode.
2. COPS 444 max baud = 62.5 kbps. (Others = 500 kbps)
3. See timing diagram for detailed timing.
Assumptions:
1. G0 used as CS.
2. Register 0 (upper four nibbles) used to store 16-bit word.
Initial Code:
SPINIT: OGI
15
; CS = 1, inactive; deselect CS5501
RC
; Reset carry, used in next
XAS
; instruction to turn SK off
Code to get word of data:
SP_IN: LBI
0,12
; Point to start of data
; storage location
SC
; Set carry - enables SK in
; XAS instruction
OGI
14
; CS = 0, active; select CS5501
LEI
0
; Shift register mode, S0 = 0
XAS
; Start clocking serial port
NOP
;
NOP
; Wait for (first) M.S. nibble
GETNIB: NOP
;
XAS
; Get nibble of data from SIO
XIS
; Put nibble in memory, inc. pointer,
JP
GETNIB
; if overflow, jump around this inst.
RC
; Reset carry - disables SK in XAS
; instruction
XAS
; Bogus read - stops SK
OGI
15
; CS = 1, inactive; deselect CS5501
RET
;
Figure A4. COPS/CS5501 Interface
CS5501
COPS 444
(All COPS)
DI
G0
SK
SDATA
CS
SCLK
MODE
CS5503
Notes:
1. CS5501 in Synchronous External Clocking mode.
2. Using 68HC11’s SPI port. (Can use SCI and
CS5501’s Asynchronous mode.)
3. Maximum bit rate is 1.05 Mbps.
Assumptions:
1. PA6 used as CS.
2. 68HC11 in single-chip mode.
3. Receive data via polling.
4. Normal equates for peripheral registers.
5. Data returned in register D.
Initial Code:
SPINIT: PSHA
; Store temporary copy of A
LDAA #%x1xxxxxx ; Bit 6 = 1, all others are don’t cares
STAA PORTA
; CS = 1, inactive; deselect CS5501
LDAA #$10
;
STAA SPCR
; Disable serial port
LDAA #%xx0110xx ; SS-input, SCK-output,
; MOSI-output, MISO-input
STAA DDRD
; Data direction register for port D
LDAA #$50
; Enable serial port, CMOS outputs,
STAA SPCR
; master, highest clock rate (int. clk/2)
LDAA SPSR
;
LDAA SPDR
; Bogus read to clr port and SPIF flag
PULA
; Restore A
RTS
;
Code to get word of data:
SP_IN: LDAA #%x0xxxxxx ;
STAA PORTA
; CS = 0, active; select CS5501
STAA SPDR
; Put data in serial port to start clk
WAIT1: LDAA SPSR
; Get port status
BPL
WAIT1
; If SPIF (MSB) 0, no data yet, wait
LDAA SPDR
; Put most significant byte in A
STAA SPDR
; Start serial port for second byte
WAIT2: LDAB SPSR
; Get port status
BPL
WAIT2
; If SPIF (MSB) 0, no data yet, wait
LDAB #%x1xxxxxx ;
STAB PORTA
; CS = 1, inactive; deselect CS5501
LDAB SPDR
; Put least significant byte in B
RTS
;
Figure A3. 68HC11/CS5501 Serial Interface
CS5501
68HC11
(68HC05)
MISO
MODE
SS
+5V
PA6
SCK
SDATA
CS
SCLK
CS5503
CS5501/CS5503
36
DS31F4
CS5501 CS5503
36
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com