Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5501 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5501 Datasheet HTML 1Page - Cirrus Logic CS5501 Datasheet HTML 2Page - Cirrus Logic CS5501 Datasheet HTML 3Page - Cirrus Logic CS5501 Datasheet HTML 4Page - Cirrus Logic CS5501 Datasheet HTML 5Page - Cirrus Logic CS5501 Datasheet HTML 6Page - Cirrus Logic CS5501 Datasheet HTML 7Page - Cirrus Logic CS5501 Datasheet HTML 8Page - Cirrus Logic CS5501 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
Copyright
 Cirrus Logic, Inc. 2003
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS5501
CS5503
16 & 20-Bit A/D Converter
Features
Monolithic CMOS ADC with Filtering
- 6-pole, Low-pass Gaussian Filter
Up to 4 kHz Output Word Rates
- On Chip Self-calibration Circuitry
- Linearity Error: ±0.0003%
- Differential Nonlinearity:
CS5501: 16-bit, No Missing Codes
(DNL ±1/8 LSB)
CS5503: 20-bit, No Missing Codes
System Calibration Capability
Flexible Serial Communications Port
- Microcontroller-compatible Formats
- 3-state Data and Clock Outputs
- UART Format (CS5501 only)
Pin-selectable Unipolar/Bipolar Ranges
Low Power Consumption: 25 mW
- 10 µW Sleep Mode for Portable Applications
Description
The CS5501 and CS5503 are CMOS A/D converters
ideal for measuring low-frequency signals representing
physical, chemical, and biological processes. They uti-
lize
charge-balance
techniques
to
achieve
16-bit
(CS5501) and 20-bit (CS5503) performance with up to 4
kSps word rates.
The converters continuously sample at a rate set by the
user in the form of either a CMOS clock or a crystal. On-
chip digital filtering processes the data and updates the
output register at up to a 4 kSps rate. The converters' low-
pass, 6-pole Gaussian response filter is designed to al-
low corner frequency settings from 0.1 Hz to 10 Hz in the
CS5501 and 0.5 Hz to 10 Hz in the CS5503. Thus, each
converter rejects 50 Hz and 60 Hz line frequencies as
well as any noise at spurious frequencies.
The CS5501 and CS5503 include on-chip self-calibra-
tion circuitry which can be initiated at any time or
temperature to insure offset and full-scale errors of typi-
cally less than 1/2 LSB for the CS5501 and less than
4 LSB for the CS5503. The devices can also be applied
in system calibration schemes to null offset and gain er-
rors in the input channel.
Each device's serial port offers two general purpose
modes of operation for direct interface to shift registers
or synchronous serial ports of industry-standard micro-
controllers. In addition, the CS5501's serial port offers a
third,
UART-compatible
mode
of
asynchronous
communication.
ORDERING INFORMATION
See page 33.
I
Calibration
CAL
AIN
AGND
DGND
BP/UPSLEEP
SRAM
SC1
SC2
Calibration
Microcontroller
Analog
Modulator
6-Pole Gaussian
Low-Pass Digital Filter
Charge-Balanced A/D Converter
Clock Generator Serial Interface Logic
VA+
VA-
VD+
VD-
SDATA
CLKOUTCLKIN
DRDY CS MODESCLK
VREF
10
9
8
5
12
11
4
13
14
7
15
6
20
23
18
16
1
19
SEP
‘04
DS31F4
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5501
CS5503
Non-aliasing, 16- & 20-bit A/D Converters
I
AUG ‘05
DS31F5
Charge-balanced A/D Converter
Calibration
SRAM
Calibration
Microcontroller
6-pole Gaussian
Low-pass Digital Filter
Analog
Modulator
Clock Generator
Serial Interface Logic
VREF
BP/UP SLEEP
AIN
AGND
DGND
CAL
VA+
VD+
VD-
VA-
SDATA
DRDY
CS
MODE SCLK
CLKIN
CLKOUT
SC1
SC2
10
9
8
5
13
7
15
14
6
20
12
11
4
17
32
18
16
1
19
CS5501
CS5503


Similar Part No. - CS5501

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BS CIRRUS-CS5501-BS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Similar Description - CS5501

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
logo
Cirrus Logic
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com