Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 64Page - Cirrus Logic CS44600 Datasheet HTML 65Page - Cirrus Logic CS44600 Datasheet HTML 66Page - Cirrus Logic CS44600 Datasheet HTML 67Page - Cirrus Logic CS44600 Datasheet HTML 68Page - Cirrus Logic CS44600 Datasheet HTML 69Page - Cirrus Logic CS44600 Datasheet HTML 70Page - Cirrus Logic CS44600 Datasheet HTML 71Page - Cirrus Logic CS44600 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
68
DS633PP1
CS44600
Power Control (address 02h)” on page 51 to a 1b. Attempts to write this register while the PDN is not set
will be ignored.
7.31
PWMOUT Delay Register (address 33h)
7.31.1
Differential Signal Delay (DIFF_DLY[2:0])
Default = 000
Function:
The Differential Signal Delay bits allow delay adjustment between each channel’s differential signals,
PWMOUTxx+ and PWMOUTxx-. This set of bits control the delay between PWMOUTxx+ and PW-
MOUTxx- across all active channels. The value of this register determines the amount of delay inserted
in the output path. The effective delay is calculated by multiplying the register value by the period of the
PWM_MCLK. This parameter can only be changed when all modulators and associated logic are in the
power-down state by setting the PDN bit in the register “Clock Configuration and Power Control (address
02h)” on page 51 to a 1b. Attempts to write this register while the PDN is not set will be ignored.
7.31.2
Channel Delay Settings (CHNL_DLY[4:0])
Default = 00000
Function:
The Channel Delay bits allow delay adjustment of each of the PWMOUT differential signal pairs, PW-
MOUTAx+/PWMOUTAx- from the associated PWMOUTBx+/PWMOUTBx-. The value of this register de-
termines the amount of delay inserted in the output path. The effective delay is calculated by multiplying
the register value by the period of the PWM_MCLK. This parameter can only be changed when all mod-
ulators and associated logic are in the power-down state by setting the PDN bit in the register “Clock Con-
figuration and Power Control (address 02h)” on page 51 to a 1b. Attempts to write this register while the
PDN is not set will be ignored.
Binary Code
MIN_PULSE[4:0]
Minimum Pulse
Setting (multiply by
PWM_MCLK period)
00000
0 - no minimum
00110
6
10100
20
11111
31
Table 14. PWM Minimum Pulse Width Settings
76
54
32
10
DIFF_DLY2
DIFF_DLY1
DIFF_DLY0
CHNL_DLY4
CHNL_DLY3
CHNL_DLY2
CHNL_DLY1
CHNL_DLY0
Binary Code
Delay Setting (multiply by
PWM_MCLK period)
000
0 - no delay
001
1
100
4
111
7
Table 15. Differential Signal Delay Settings
Binary Code
Delay Setting(multiply by PWM_MCLK period)
00000
0 - no delay
00110
6
11000
24
11111
31
Table 16. Channel Delay Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com