Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 23Page - Cirrus Logic CS44600 Datasheet HTML 24Page - Cirrus Logic CS44600 Datasheet HTML 25Page - Cirrus Logic CS44600 Datasheet HTML 26Page - Cirrus Logic CS44600 Datasheet HTML 27Page - Cirrus Logic CS44600 Datasheet HTML 28Page - Cirrus Logic CS44600 Datasheet HTML 29Page - Cirrus Logic CS44600 Datasheet HTML 30Page - Cirrus Logic CS44600 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
DS633PP1
27
CS44600
4.4.1.1
I²S Data Format
For I²S, data is received most significant bit first, one DAI_SCLK delay after the transition of DAI_LRCK,
and is valid on the rising edge of DAI_SCLK. For the I²S format, the left channel data is presented when
DAI_LRCK is low; the right channel data is presented when DAI_LRCK is high.
4.4.1.2
Left-Justified Data Format
For left-justified format, data is received most significant bit first on the first DAI_SCLK after a DAI_LRCK
transition and is valid on the rising edge of DAI_SCLK. For the left-justified format, the left channel data
is presented when DAI_LRCK is high and the right channel data is presented when DAI_LRCK is low.
Left C ha nnel
R ig ht C ha n nel
DAI_SDINx
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LSB
LSB
DAI_LRCK
DAI_SCLK
Figure 17. I²S Serial Audio Formats
I²S Mode, Data Valid on Rising Edge of DAI_SCLK
Bits/Sample
SCLK Rates
16
32, 48, 64, 128, 256 Fs
18 to 24
48, 64, 128, 256 Fs
DAI_LRCK
DAI_SCLK
Left Channel
Right Channel
DAI_SDINx
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Figure 18. Left-Justified Serial Audio Formats
Left-Justified Mode, Data Valid on Rising Edge of DAI_SCLK
Bits/Sample
SCLK Rate(s)
16
32, 48, 64, 128, 256 Fs
18 to 24
48, 64, 128, 256 Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com