Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 65Page - Cirrus Logic CS44600 Datasheet HTML 66Page - Cirrus Logic CS44600 Datasheet HTML 67Page - Cirrus Logic CS44600 Datasheet HTML 68Page - Cirrus Logic CS44600 Datasheet HTML 69Page - Cirrus Logic CS44600 Datasheet HTML 70Page - Cirrus Logic CS44600 Datasheet HTML 71Page - Cirrus Logic CS44600 Datasheet HTML 72Page - Cirrus Logic CS44600 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
DS633PP1
69
CS44600
7.32
PSR and Power Supply Configuration (address 34h)
7.32.1
Power Supply Rejection Enable (PSR_EN)
Default = 0
0 - disable
1 - enable
Function:
Enables the on-card and internal power supply rejection circuitry. This bit will cause the PSR_EN output
signal to change logic level. A ‘0’b in this bit will cause the PSR_EN to drive a logic low. A ‘1’b will drive a
logic high.
76
5
4
3
2
1
0
PSR_EN
PSR_RESET
FEEDBACK_EN
RESERVED
RESERVED
PS_SYNC_DIV2
PS_SYNC_DIV1 PS_SYNC_DIV0
PWMOUTA2+
PWMOUTA2-
PWMOUTB2+
PWMOUTB2-
tch
dly
tdif
dly
tdif
dly
PWMOUTA1+
PWMOUTA1-
PWMOUTB1+
PWMOUTB1-
tch
dly
tdif
dly
tdif
dly
PWMOUTA3+
PWMOUTA3-
PWMOUTB3+
PWMOUTB3-
tch
dly
tdif
dly
tdif
dly
Figure 31. PWM Output Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com