Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 9Page - Cirrus Logic CS44600 Datasheet HTML 10Page - Cirrus Logic CS44600 Datasheet HTML 11Page - Cirrus Logic CS44600 Datasheet HTML 12Page - Cirrus Logic CS44600 Datasheet HTML 13Page - Cirrus Logic CS44600 Datasheet HTML 14Page - Cirrus Logic CS44600 Datasheet HTML 15Page - Cirrus Logic CS44600 Datasheet HTML 16Page - Cirrus Logic CS44600 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
DS633PP1
13
CS44600
SWITCHING CHARACTERISTICS - DAI INTERFACE
(VD = 2.5 V, VDX = VDP = VLC = 3.3 V, VLS = 2.5 V to 5.0 V; Inputs: Logic 0 = GND, Logic 1 = VLS.)
15. After powering up, the CS44600, RST should be held low until after the power supplies and clocks are set-
tled.
16. See Table 1 on page 26 for suggested MCLK frequencies.
17. Max DAI sample rate is 96 kHz for One Line and TDM modes of operation.
Parameters
Symbol
Min
Max
Units
RST pin Low Pulse Width
(Note 15)
1-
ms
DAI_MCLK Duty Cycle
(Note 16)
40
60
%
DAI_SCLK Duty Cycle
45
55
%
DAI_LRCK Duty Cycle
45
55
%
DAI Sample Rate
(Note 17)
Fs
32
192
kHz
DAI_SDIN Setup Time Before DAI_SCLK Rising Edge
tds
10
-
ns
DAI_SDIN Hold Time After DAI_SCLK Rising Edge
tdh
10
-
ns
DAI_SCLK High Time
tsckh
20
-
ns
DAI_SCLK Low Time
tsckl
20
-
ns
DAI_LRCK Setup Time Before DAI_SCLK Rising Edge
tlrcks
25
-
ns
DAI_SCLK Rising Edge Before DAI_LRCK Edge
tlrckd
25
-
ns
sck h
sc kl
t
t
DA I_ S D IN x
lrcks
t
lrc k d
t
DA I_ S C L K
DA I_ L RCK
ds
t
dh
t
Figure 6. Serial Audio Interface Timing
Figure 7. Serial Audio Interface Timing - TDM Mode
sckh
sckl
t
t
DAI_SDIN1
dh
t
ds
t
lrcks
t
lrckd
t
DAI_SCLK
(input)
DAI_LRCK
(input)
lrcks
t
MSB
MSB-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com