Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 14Page - Cirrus Logic CS44600 Datasheet HTML 15Page - Cirrus Logic CS44600 Datasheet HTML 16Page - Cirrus Logic CS44600 Datasheet HTML 17Page - Cirrus Logic CS44600 Datasheet HTML 18Page - Cirrus Logic CS44600 Datasheet HTML 19Page - Cirrus Logic CS44600 Datasheet HTML 20Page - Cirrus Logic CS44600 Datasheet HTML 21Page - Cirrus Logic CS44600 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
18
DS633PP1
CS44600
GPIO3
32
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
GPIO2
33
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
GPIO1
34
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
GPIO0
35
General Purpose Input, Output (Input/Output) - This pin is configured as an input follow-
ing a RST condition. It can be configured as a general purpose input or output which can
be individually controlled by the Host Controller.
PSR_MCLK
49
Power Supply Rejection Master Clock (Output) - Master audio clock for external PSR
ADC (CS4461).
PSR_DATAL
50
Power Supply Rejection Input Serial Data (Input) - Input for serial audio data from
external PSR ADC (CS4461).
PSR_SYNC
51
Power Supply Rejection Sync Clock (Input) - Synchronization signal for external PSR
ADC (CS4461).
PSR_RESET
52
Power Supply Rejection Reset (Output) - The reset pin for the external Power Supply
Rejection circuitry.
PSR_EN
2
Power Supply Rejection Enable (Output) - The enable pin for the external Power Supply
Rejection circuitry.
PWMOUTA1+
PWMOUTA1-
PWMOUTB1+
PWMOUTB1-
PWMOUTA2+
PWMOUTA2-
PWMOUTB2+
PWMOUTB2-
PWMOUTA3+
PWMOUTA3-
PWMOUTB3+
PWMOUTB3-
64
63
61
60
58
57
55
54
47
46
44
43
PWM Output (Output) - PWM control signals for the Class D amplifier backend.
VDX
7
Crystal Power (Input) - Positive power supply for the Crystal section.
VD
19, 27 Digital Power (Input) - Positive power supply for the digital section.
VLC
17
Host Interface Power (Input) - Determines the required signal level for the digital
input/output signals for the host interface.
VLS
16
Digital Audio Interface Power (Input) - Determines the required signal level for the digital
input signals for the digital audio interface.
VDP
39, 45,
56, 62
PWM Interface Power (Input) - Determines the required signal level for the digital
input/output signals for the PWM and GPIO interface.
GND
1, 4,
18, 28,
36, 42,
48, 53,
59
Digital Ground (Input) - Ground reference for digital circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com