Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 7Page - Cirrus Logic CS44600 Datasheet HTML 8Page - Cirrus Logic CS44600 Datasheet HTML 9Page - Cirrus Logic CS44600 Datasheet HTML 10Page - Cirrus Logic CS44600 Datasheet HTML 11Page - Cirrus Logic CS44600 Datasheet HTML 12Page - Cirrus Logic CS44600 Datasheet HTML 13Page - Cirrus Logic CS44600 Datasheet HTML 14Page - Cirrus Logic CS44600 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
DS633PP1
11
CS44600
PWM FILTER CHARACTERISTICS
(Logic “0” = GND = 0 V; Logic “1” = VLS = VLC; VD = 2.5 V; DAI_MCLK = 12.288 MHz; XTAL = 24.576 MHz; PWM
Switch Rate = 384 kHz; Fs = 32 kHz to 192 kHz; Measurement bandwidth is 10 Hz to 20 kHz unless otherwise
specified.)
12. Filter response is not production tested but is characterized and guaranteed by design.
13. XTAL = 49.152 MHz; PWM Switch Rate = 768 kHz; Fs = 96 kHz to 192 kHz.
14. The equation for the group delay through the sample rate converter with OSRATE = 0b is (8.5 / Fsi) + (10
/ Fso) ± (4.5 / Fsi). The equation for the group delay through the sample rate converter with OSRATE = 1b
is (8.5 / Fsi) + (20 / Fso) ± (4.5 / Fsi).
SWITCHING CHARACTERISTICS - XTI
(VD = 2.5 V, VDP = VLC = VLS = 3.3 V, VDX = 2.5 V to 5.0 V; Inputs: Logic 0 = GND, Logic 1 = VDX)
Parameter
Unit
Min
Typ
Max
Digital Filter Response (Note 12)
Passband
OSRATE = 0b
to -0.01 dB corner
to -3 dB corner
OSRATE = 1b (Note 13)
to -0.01 dB corner
to -3 dB corner
0
0
0
0
-
-
-
-
1.6
24.0
3.3
44.5
kHz
kHz
kHz
kHz
Frequency Response
OSRATE = 0b
10 Hz to 20 kHz
OSRATE = 1b (Note 13)
10 Hz to 40 kHz
-0.8
-1.2
-
-
+0.02
+0.02
dB
dB
Group Delay
(Note 14)
ms
De-emphasis Error
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.23
±0.14
±0.09
dB
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
XTI period
tclki
18.518
---
40.69
ns
XTI high time
tclkih
8.34
---
22.38
ns
XTI low time
tclkil
8.34
---
22.38
ns
XTI Duty Cycle
45
50
55
%
External Crystal operating frequency
24.576
---
54
MHz
XTI
t
clkih
t
clkil
t
clki
Figure 2. XTI Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com