Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 34Page - Cirrus Logic CS44600 Datasheet HTML 35Page - Cirrus Logic CS44600 Datasheet HTML 36Page - Cirrus Logic CS44600 Datasheet HTML 37Page - Cirrus Logic CS44600 Datasheet HTML 38Page - Cirrus Logic CS44600 Datasheet HTML 39Page - Cirrus Logic CS44600 Datasheet HTML 40Page - Cirrus Logic CS44600 Datasheet HTML 41Page - Cirrus Logic CS44600 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
38
DS633PP1
CS44600
5. POWER SUPPLY, GROUNDING, AND PCB LAYOUT
The CS44600 requires a 2.5 V digital power supply for the core logic. In order to support a number of PWM backend
solutions, separate VDP power pins are provided to condition the interface signals to support up to 5.0 V levels. The
VDP power pins control the voltage levels for all PWM interface signals, PSR interface signals and GPIO for control
and status.
Extensive use of power and ground planes, ground plane fill in unused areas and surface mount decoupling capac-
itors are recommended. It is necessary to decouple the power supply by placing capacitors directly between the
power and ground of the CS44600. The recommended procedure is to place the lowest value capacitor as close as
physically possible to each power pin. Decoupling capacitors should be as near to the pins of the CS44600 as pos-
sible, with the low value ceramic capacitor being the nearest and mounted on the same side of the board as the
CS44600 to minimize inductance effects.
Figure 27 shows the recommended power supply decoupling layout. U1 is the CS44600. C2, C3, C6, C8, C10, C12,
C14, and C16 are 0.01 µF X7R capacitors. These should be placed as close as possible to their respective power
supply pins. C1, C4, C5, C7, C9, C11, C13, C15, and C17 are 0.1 µF X7R capacitors. C18 is a 10 µF electrolytic
capacitor. Top and bottom ground fill should be used as much as possible around all components shown.
Figure 27. Recommended CS44600 Power Supply Decoupling Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com