Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44600 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS44600
Description  6-Channel Digital Amplifier Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS44600 Datasheet HTML 17Page - Cirrus Logic CS44600 Datasheet HTML 18Page - Cirrus Logic CS44600 Datasheet HTML 19Page - Cirrus Logic CS44600 Datasheet HTML 20Page - Cirrus Logic CS44600 Datasheet HTML 21Page - Cirrus Logic CS44600 Datasheet HTML 22Page - Cirrus Logic CS44600 Datasheet HTML 23Page - Cirrus Logic CS44600 Datasheet HTML 24Page - Cirrus Logic CS44600 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
DS633PP1
21
CS44600
GND
PSR_DATA
PSR_SYNC
PSR_MCLK
CS4461
ADC
Power Supply Rail
PSR_RESET
PSR_EN
PS_SYNC
Power Supply Sync Clock
Optional
PWMOUTA1+
PWMOUTA1-
PWMOUTB1+
PWMOUTB1-
PWMOUTA2+
PWMOUTA2-
PWMOUTB2+
PWMOUTB2-
GPIO3
GPIO4
Front Left
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
PWMOUTA3+
PWMOUTA3-
PWMOUTB3+
PWMOUTB3-
GPIO5
PWM IN1
PWM IN2
OUT1
OUT2
CONTROL
STATUS
Front Right
Surr. Left
Surr. Right
Center
Subwoofer
GPIO0
GPIO1
GPIO2
VD
VLC
0.1 µF
+2.5 V
to +5.0 V
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
Note: Resistors are required for
I²C control port operation
See
Note
DAI_SDIN1
DAI_SDIN3
DAI_SDIN2
DAI_LRCK
DAI_SCLK
AD0/CS
INT
Digital
Audio
Processor
Micro-
Controller
DAI_MCLK
VD
SYS_CLK
MUTE
VDX
XTAL
24.576 MHz
to 54 MHz
XTI
XTO
VLS
+2.5 V
+
10 µF
0.1 µF
0.1 µF
0.01 µF
0.01 µF
+3.3 V to
+5.0 V
0.1 µF
0.01 µF
+2.5 V to
+5.0 V
0.1 µF
0.01 µF
+3.3 V to +5.0 V
VDP
10 µF
Figure 12. Typical Half-Bridge Connection Diagram
CS44600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com